Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0830630 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 0830630
Description  EML-HA (70X150)R CUS - Label for rough surfaces
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0830630 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  0830630 Datasheet HTML 1Page - PHOENIX CONTACT 0830630 Datasheet HTML 2Page - PHOENIX CONTACT 0830630 Datasheet HTML 3Page - PHOENIX CONTACT 0830630 Datasheet HTML 4Page - PHOENIX CONTACT 0830630 Datasheet HTML 5Page - PHOENIX CONTACT 0830630 Datasheet HTML 6Page - PHOENIX CONTACT 0830630 Datasheet HTML 7Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Technical data
Product properties
Product type
Labeled device marker
Product property
highly adhesive
Marking
Number of individual labels per row
1
Identification technology
Thermal transfer for rolls
Environmental and real-life conditions
Test for substances that would hinder coating with paint or varnish
Result
Test passed
Test for substances that would hinder coating with paint or varnish
Result
Test passed
Scratch test for the determining scratch resistance
Specification
DIN EN ISO 1518-1:2019-10 (following)
Requirements
≥ 5 N
Result
Test passed
Tesafilm test
Specification
DIN EN ISO 2409:2013 (following)
Result
Test passed
UV resistance
Specification
ISO 4892-2:2013-03 (following)
Result
Test passed
Test duration
96 h
Weathering-resistance
Specification
ISO 4892-2:2013-03
Result
Test passed
Test duration
4500 h
Procedure
A
Outdoor exposure
Specification
DIN EN ISO 877-2 (2011-03-00)
Result
Test passed
Test duration
9048 h
Temperature resistance
Specification
ANSI/UL 969-2018:03 (following)
Test duration
240 h
Rating 125 °C (150 °C)
Test passed
EML-HA (70X150)R CUS - Label for rough surfaces
0830630
https://www.phoenixcontact.com/us/products/0830630
Jun 17, 2025, 7:27AM
Page 2 (7)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com