Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0830632 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0830632
Description  EML-HA (85X32)R CUS - Label for rough surfaces
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0830632 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0830632 Datasheet HTML 1Page - PHOENIX CONTACT 0830632 Datasheet HTML 2Page - PHOENIX CONTACT 0830632 Datasheet HTML 3Page - PHOENIX CONTACT 0830632 Datasheet HTML 4Page - PHOENIX CONTACT 0830632 Datasheet HTML 5Page - PHOENIX CONTACT 0830632 Datasheet HTML 6Page - PHOENIX CONTACT 0830632 Datasheet HTML 7Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Label for rough surfaces, can be ordered: by line, white, labeled according to customer
specifications, mounting type: adhesive, text field height: 32 mm, text field width: 85 mm
Your advantages
The EML-HA … self-adhesive device markers are suitable for identification of various types of equipment in controller, system, and control
cabinet building
•
The EML-HA features a special adhesive with a very high bonding strength. This means it can be stuck onto rough, textured, and low-energy
surfaces
•
When combined with the right ink ribbon, the marking is highly resistant to solvents and mechanical influences
•
The EML-HA ... materials are UL-listed
•
Marking service: Phoenix Contact can custom-mark all EML-HA ... markers according to your requirements
•
Commercial data
Item number
0830632
Packing unit
1 pc
Minimum order quantity
1 pc
Note
Made to order (non-returnable)
Product key
BG8141
GTIN
4046356719865
Weight per piece (including packing)
1.99 g
Weight per piece (excluding packing)
1.99 g
Country of origin
PL
EML-HA (85X32)R CUS - Label for rough surfaces
0830632
https://www.phoenixcontact.com/us/products/0830632
Jun 17, 2025, 7:37AM
Page 1 (7)


Similar Part No. - 0830632

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0830630 PHOENIX-0830630 Datasheet
190Kb / 7P
EML-HA (70X150)R CUS - Label for rough surfaces
0830631 PHOENIX-0830631 Datasheet
191Kb / 7P
EML-HA (76X51)R CUS - Label for rough surfaces
0830633 PHOENIX-0830633 Datasheet
191Kb / 6P
EML-HA (15X9)R SR CUS - Label for rough surfaces
0830634 PHOENIX-0830634 Datasheet
194Kb / 6P
EML-HA (19X6)R SR CUS - Label for rough surfaces
0830636 PHOENIX-0830636 Datasheet
193Kb / 6P
EML-HA (26,5X12)R SR CUS - Label for rough surfaces
More results

Similar Description - 0830632

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0803682 PHOENIX-0803682 Datasheet
47Kb / 3P
Label for rough surfaces - EML-HA (38,1X25,4)R /OS
0830600 PHOENIX-0830600 Datasheet
50Kb / 3P
Label for rough plastic surfaces - EML-HA (15X9)R
0830604 PHOENIX-0830604 Datasheet
51Kb / 3P
Label for rough plastic surfaces - EML-HA (40X8)R
0830605 PHOENIX-0830605 Datasheet
51Kb / 3P
Label for rough plastic surfaces - EML-HA (40X15)R
0830607 PHOENIX-0830607 Datasheet
50Kb / 3P
Label for rough plastic surfaces - EML-HA (70X32)R
0830608 PHOENIX-0830608 Datasheet
51Kb / 3P
Label for rough plastic surfaces - EML-HA (70X150)R
0830609 PHOENIX-0830609 Datasheet
51Kb / 3P
Label for rough plastic surfaces - EML-HA (76X51)R
0830610 PHOENIX-0830610 Datasheet
50Kb / 3P
Label for rough plastic surfaces - EML-HA (85X32)R
0830621 PHOENIX-0830621 Datasheet
51Kb / 3P
Label for rough plastic surfaces - EML-HA (85X32)R SR
0830730 PHOENIX-0830730 Datasheet
50Kb / 3P
Label for rough plastic surfaces - EML-HA (70X50)R
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com