Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0830638 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0830638
Description  EML-HA (40X15)R SR CUS - Label for rough surfaces
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0830638 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0830638 Datasheet HTML 1Page - PHOENIX CONTACT 0830638 Datasheet HTML 2Page - PHOENIX CONTACT 0830638 Datasheet HTML 3Page - PHOENIX CONTACT 0830638 Datasheet HTML 4Page - PHOENIX CONTACT 0830638 Datasheet HTML 5Page - PHOENIX CONTACT 0830638 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Label for rough surfaces, can be ordered: by line, silver, labeled according to customer
specifications, mounting type: adhesive, text field height: 15 mm, text field width: 40 mm
Your advantages
The EML-HA … self-adhesive device markers are suitable for identification of various types of equipment in controller, system, and control
cabinet building
•
The EML-HA features a special adhesive with a very high bonding strength. This means it can be stuck onto rough, textured, and low-energy
surfaces
•
When combined with the right ink ribbon, the marking is highly resistant to solvents and mechanical influences
•
The EML-HA ... materials are UL-listed
•
Marking service: Phoenix Contact can custom-mark all EML-HA ... markers according to your requirements
•
Commercial data
Item number
0830638
Packing unit
1 pc
Minimum order quantity
1 pc
Note
Made to order (non-returnable)
Product key
BG8141
GTIN
4046356719926
Weight per piece (including packing)
1.99 g
Weight per piece (excluding packing)
1.99 g
Country of origin
PL
EML-HA (40X15)R SR CUS - Label for rough surfaces
0830638
https://www.phoenixcontact.com/us/products/0830638
Jun 17, 2025, 7:26AM
Page 1 (6)


Similar Part No. - 0830638

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0830630 PHOENIX-0830630 Datasheet
190Kb / 7P
EML-HA (70X150)R CUS - Label for rough surfaces
0830631 PHOENIX-0830631 Datasheet
191Kb / 7P
EML-HA (76X51)R CUS - Label for rough surfaces
0830632 PHOENIX-0830632 Datasheet
191Kb / 7P
EML-HA (85X32)R CUS - Label for rough surfaces
0830633 PHOENIX-0830633 Datasheet
191Kb / 6P
EML-HA (15X9)R SR CUS - Label for rough surfaces
0830634 PHOENIX-0830634 Datasheet
194Kb / 6P
EML-HA (19X6)R SR CUS - Label for rough surfaces
More results

Similar Description - 0830638

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0830605 PHOENIX-0830605 Datasheet
51Kb / 3P
Label for rough plastic surfaces - EML-HA (40X15)R
0830611 PHOENIX-0830611 Datasheet
51Kb / 3P
Label for rough plastic surfaces - EML-HA (15X9)R SR
0830612 PHOENIX-0830612 Datasheet
61Kb / 3P
Label for rough surfaces - EML-HA (19X6)R SR
0830613 PHOENIX-0830613 Datasheet
51Kb / 3P
Label for rough plastic surfaces - EML-HA (20X20)R SR
0830615 PHOENIX-0830615 Datasheet
51Kb / 3P
Label for rough plastic surfaces - EML-HA (40X8)R SR
0830616 PHOENIX-0830616 Datasheet
50Kb / 3P
Label for rough plastic surfaces - EML-HA (40X15)R SR
0830617 PHOENIX-0830617 Datasheet
50Kb / 3P
Label for rough plastic surfaces - EML-HA (60X30)R SR
0830619 PHOENIX-0830619 Datasheet
51Kb / 3P
Label for rough plastic surfaces - EML-HA (70X150)R SR
0830620 PHOENIX-0830620 Datasheet
51Kb / 3P
Label for rough plastic surfaces - EML-HA (76X51)R SR
0830733 PHOENIX-0830733 Datasheet
50Kb / 3P
Label for rough plastic surfaces - EML-HA (51X25)R SR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com