Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DC-080 Datasheet(PDF) 2 Page - Coherent Corp

Part # DC-080
Description  High-Power CO2 Slab Laser
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COHERENT [Coherent Corp]
Direct Link  https://www.coherent.com/
Logo COHERENT - Coherent Corp

DC-080 Datasheet(HTML) 2 Page - Coherent Corp

  DC-080 Datasheet HTML 1Page - Coherent Corp DC-080 Datasheet HTML 2Page - Coherent Corp DC-080 Datasheet HTML 3Page - Coherent Corp DC-080 Datasheet HTML 4Page - Coherent Corp DC-080 Datasheet HTML 5Page - Coherent Corp DC-080 Datasheet HTML 6Page - Coherent Corp DC-080 Datasheet HTML 7Page - Coherent Corp DC-080 Datasheet HTML 8Page - Coherent Corp DC-080 Datasheet HTML 9Page - Coherent Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
2
DC SERIES
Specifications
DC 010
DC 015
DC 020
DC 025
Nominal Power (W)
1000
1500
2000
2500
Power Range (%)
10 to 100
Laser Beam Quality
ISO 11146, deviation ±5%
K (M²) = 0.95 (1.05)
Power Stability (%)
Cooling water Δ T ≤±1K
±2
Pointing Stability (mrad)
ISO 11145
≤0.15
Pulse Frequency Range
CW, 2 to 5000 Hz
Beam Diameter (mm)1
18 ±3
20 ±3
Polarization
linear, 45° to horizontal level
Wavelength (µm)
10.6
Excitation
RF
Electrical Ratings
Voltage
3 x 400 V ±10%, 3 x 440 V ±10% or 3 x 480 V ±10%; 50/60 Hz; 3 Phases; PE
Connected Load (kVA)
16
22
35
41
Effective Power at Nominal Power (kW)
15
21
34
39
Max. Current Consumption at 400 V (A)
<25
<35
<51
<59
Fuses Type NH (A)
50
80
Cooling
Recommended Cooling Capacity (kW)
≥15
≥21
≥34
≥39
Flow Rate Laser Head (l/h)
≥3000
≥4000
≥4000
≥5000
Flow Rate Laser Cabinet (l/h)
≥500
Flow Rate Laser Compact (l/h)
≥3500
≥4500
≥4500
≥5500
Temperature Θ (°C)2
20 or 27 (above dew point)
Temperature Tolerance Range (°C)
±1
Supply Pressure (hPa)
≤6000 (6 bar)
Back Pressure (hPa)
≤1500 (1.5 bar)
Laser Gas
Type
Premix-Laser Gas
Consumption (Nl/h)
<0.06
Change Interval (h)
168
Notes:
1.
Measured in a distance <10 m; please contact Coherent for detailed data of the beam propagation.
2.
Dq
≤3°/min; t >1.5 min.
D
t



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com