Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SD1477 Datasheet(PDF) 3 Page - STMicroelectronics

Part # SD1477
Description  RF POWER BIPOLAR TRANSISTORS VHF MOBILE APPLICATIONS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SD1477 Datasheet(HTML) 3 Page - STMicroelectronics

  SD1477_04 Datasheet HTML 1Page - STMicroelectronics SD1477_04 Datasheet HTML 2Page - STMicroelectronics SD1477_04 Datasheet HTML 3Page - STMicroelectronics SD1477_04 Datasheet HTML 4Page - STMicroelectronics SD1477_04 Datasheet HTML 5Page - STMicroelectronics SD1477_04 Datasheet HTML 6Page - STMicroelectronics SD1477_04 Datasheet HTML 7Page - STMicroelectronics SD1477_04 Datasheet HTML 8Page - STMicroelectronics SD1477_04 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3/9
SD1477
TYPICAL PERFORMANCE
Figure 3. Power Output vs Frequency
Figure 4. Power Output vs Power Input
120
100
80
60
40
20
130
140
150
160
170
180
Frequency (MHz)
VCC = 12.5 V
PIN = 25 W
PIN = 20 W
PIN = 15 W
PIN = 10 W
120
100
80
60
40
20
0
0
5
10
15
20
25
Power Input (Watts)
VCC = 12.5 V
136 MHz
175 MHz



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com