Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMC60304 Datasheet(PDF) 6 Page - Texas Instruments

Part # AMC60304
Description  AMC60304 4-Channel Optical Monitor and Controller With High-Current Output DACs and Multichannel ADC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AMC60304 Datasheet(HTML) 6 Page - Texas Instruments

  AMC60304 Datasheet HTML 1Page - Texas Instruments AMC60304 Datasheet HTML 2Page - Texas Instruments AMC60304 Datasheet HTML 3Page - Texas Instruments AMC60304 Datasheet HTML 4Page - Texas Instruments AMC60304 Datasheet HTML 5Page - Texas Instruments AMC60304 Datasheet HTML 6Page - Texas Instruments AMC60304 Datasheet HTML 7Page - Texas Instruments AMC60304 Datasheet HTML 8Page - Texas Instruments AMC60304 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
www.ti.com
PACKAGE OUTLINE
C
0.4 MAX
0.16
0.10
2
TYP
2 TYP
0.4 TYP
0.4 TYP
36X
0.225
0.185
B
E
A
D
4225648/A 01/2020
DSBGA - 0.4 mm max height
YBH0036
DIE SIZE BALL GRID ARRAY
NOTES:
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
BALL A1
CORNER
SEATING PLANE
BALL TYP
0.05 C
A
1
2
3
0.015
C A B
4
5
SYMM
SYMM
B
C
D
E
F
6
SCALE 7.000
D: Max =
E: Max =
2.585 mm, Min =
2.585 mm, Min =
2.524 mm
2.524 mm



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com