Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ2005STR Datasheet(PDF) 12 Page - Texas Instruments

Part # BQ2005STR
Description  Fast- Charge IC for Dual- Bat tery Packs
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

BQ2005STR Datasheet(HTML) 12 Page - Texas Instruments

Back Button BQ2005STR Datasheet HTML 8Page - Texas Instruments BQ2005STR Datasheet HTML 9Page - Texas Instruments BQ2005STR Datasheet HTML 10Page - Texas Instruments BQ2005STR Datasheet HTML 11Page - Texas Instruments BQ2005STR Datasheet HTML 12Page - Texas Instruments BQ2005STR Datasheet HTML 13Page - Texas Instruments BQ2005STR Datasheet HTML 14Page - Texas Instruments BQ2005STR Datasheet HTML 15Page - Texas Instruments BQ2005STR Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
12
Ordering Information
bq2005
Package Option:
S = 20-pin SOIC
Device:
bq2005 Dual-Battery Fast-Charge IC
Data Sheet Revision History
Change No.
Page No.
Description
Nature of Change
39
VSNSLO rating
Was VSNSHI - (0.01 * VCC);
is 0.04 * VCC
4
5
Corrected sample period
Was: 32s;
Is: 34s
45, 9
Corrected -
∆V threshold
Was: 13mV
Is: 12mV
4
All
Revised and expanded format of this
data sheet
Clarification
59
TOPR
Deleted industrial temperature range
6
1, 13
Deleted DIP package option
Removed DIP from pinout drawing and Order-
ing Information; deleted DIP package specifica-
tions
Notes:
Change 3 = Sept. 1996 D changes from Nov. 1993 C.
Change 4 = Nov. 1997 E changes from Sept. 1996 D.
Change 5 = June 1999 F changes from Nov. 1997 E.
Change 6 = Aug. 2000 G changes from June 1999 F
bq2005



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com