Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BUF04701 Datasheet(PDF) 8 Page - Texas Instruments

Part # BUF04701
Description  4-Channel, Rail-to-Rail, CMOS BUFFER AMPLIFIER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

BUF04701 Datasheet(HTML) 8 Page - Texas Instruments

Back Button BUF04701 Datasheet HTML 4Page - Texas Instruments BUF04701 Datasheet HTML 5Page - Texas Instruments BUF04701 Datasheet HTML 6Page - Texas Instruments BUF04701 Datasheet HTML 7Page - Texas Instruments BUF04701 Datasheet HTML 8Page - Texas Instruments BUF04701 Datasheet HTML 9Page - Texas Instruments BUF04701 Datasheet HTML 10Page - Texas Instruments BUF04701 Datasheet HTML 11Page - Texas Instruments BUF04701 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
BUF04701
8
SBOS214B
www.ti.com
FIGURE 3. Limiting Input Current on the BUF04701.
FIGURE 4. BUF04701—No Phase Inversion with Inputs
Greater than the Power-Supply Voltage.
1/4
BUF04701
V+
V–
V
IN
V
OUT
R
S
V
S = ±6V, VIN = 13Vp-p, G = +1
20
µs/div
APPLICATIONS INFORMATION
Figure 1 shows the BUF04701 connected as a buffer. Power
supplies should be bypassed with capacitors connected
close to the device pins. Capacitor values as low as 0.1
µF
will assure stable operation in most applications, but high
output current and fast output slewing can demand large
current transients from the power supplies.
Rail-to-rail input and output swing helps maintain dynamic
range, especially in low supply applications. Figure 2 shows
the input and output waveforms for the BUF04701. On a
±6V
supply with a 100k
Ω load connected to V
S/2, the output is
tested to swing within 50mV to the rail.
OPERATING VOLTAGE
The BUF04701 is fully specified and tested from 3.5V to 12V
over a temperature range of –40
°C to +125°C. Parameters
that vary significantly with operating voltages or temperature
are shown in the Typical Characteristic Curves.
RAIL-TO-RAIL INPUT
The input common-mode voltage range of the BUF04701
extends 100mV beyond the supply rails at room temperature;
however, due to the fixed gain at G = 1, the output will
limit the useable input range. This wide swing is achieved
with a complementary input stage—an N-channel input
differential pair in parallel with a P-channel differential pair.
The N-channel pair is active for input voltages close to the
positive rail, typically (V+) – 2.0V to 100mV above the
positive supply, while the P-channel pair is on for inputs
from 100mV below the negative supply to approximately
(V+) – 1.5V. There is a small transition region, typically
(V+) – 2.0V to (V+) – 1.5V, in which both pairs are on. This
500mV transition region can vary
±100mV with process
variation. Thus, the transition region (both stages on) can
range from (V+) – 2.1V to (V+) – 1.4V on the low end, up to
(V+) – 1.9V to (V+) – 1.6V on the high end.
INPUT PROTECTION
Device inputs are protected by ESD diodes that will conduct
if the input voltages exceed the power supplies by more than
approximately 300mV. Momentary voltages greater than
300mV beyond the power supply can be tolerated if the
current is limited to 10mA. This is easily accomplished with
an input resistor, in series with the buffer input shown in
Figure 3. Many input signals are inherently current-limited to
less than 10mA; therefore, a limiting resistor is not always
required. The BUF04701 features no phase inversion when
the inputs extend beyond supplies if the input current is
limited, as shown in Figure 4.
FIGURE 1. Basic Connections.
FIGURE 2. Rail-to-Rail Input and Output.
1/4
BUF04701
V+
V–
V
IN
R
L
0.1
µF
0.1
µF
Input
G = +1, V
S ± 6V
Output (Inverted on oscilloscope)
20
µs/div
8
6
4
2
0
–2
–4
–6
–8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com