Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD4504B Datasheet(PDF) 2 Page - Texas Instruments

Part # CD4504B
Description  CMOS HEX VOLTAGE-LEVEL SHIFTER FOR TTL-TO-CMOS or CMOS-TO-CMOS OPERATION
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CD4504B Datasheet(HTML) 2 Page - Texas Instruments

  CD4504B Datasheet HTML 1Page - Texas Instruments CD4504B Datasheet HTML 2Page - Texas Instruments CD4504B Datasheet HTML 3Page - Texas Instruments CD4504B Datasheet HTML 4Page - Texas Instruments CD4504B Datasheet HTML 5Page - Texas Instruments CD4504B Datasheet HTML 6Page - Texas Instruments CD4504B Datasheet HTML 7Page - Texas Instruments CD4504B Datasheet HTML 8Page - Texas Instruments CD4504B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
ABSOLUTE MAXIMUM RATINGS
CD4504B-EP
SCHS369 – NOVEMBER 2008 .......................................................................................................................................................................................... www.ti.com
FUNCTIONAL BLOCK DIAGRAM
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VDD
DC supply-voltage range, voltages referenced to VSS terminal
–0.5
+20
V
Input voltage range, all inputs
–0.5
VCC + 0.5
V
DC input current, any one input
±10
mA
TA = –55°C to +100°C
500
mW
PD
Power dissipation per package
Derate Linearly at 12 mW/°C to
TA = +100°C to +125°C
200 nW
Device dissipation per output transistor,
100
mW
for TA = full package-temperature range (all package types)
TA
Operating temperature range
–55
+125
°C
θ
JA
Package thermal impedance(1)
91.1
°C/W
Tstg
Storage temperature range
–85
+150
°C
Lead temperature (during soldering), at distance 1/16 ± 1/32 inch (1.59 ± 0.79 mm) from case for
+265
°C
10 s max
(1)
The package thermal impedance is calculated in accordance with JESD 51-7.
2
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): CD4504B-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com