Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD74ACT153 Datasheet(PDF) 1 Page - Texas Instruments

Part # CD74ACT153
Description  DUAL 4-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CD74ACT153 Datasheet(HTML) 1 Page - Texas Instruments

  CD74ACT153 Datasheet HTML 1Page - Texas Instruments CD74ACT153 Datasheet HTML 2Page - Texas Instruments CD74ACT153 Datasheet HTML 3Page - Texas Instruments CD74ACT153 Datasheet HTML 4Page - Texas Instruments CD74ACT153 Datasheet HTML 5Page - Texas Instruments CD74ACT153 Datasheet HTML 6Page - Texas Instruments CD74ACT153 Datasheet HTML 7Page - Texas Instruments CD74ACT153 Datasheet HTML 8Page - Texas Instruments CD74ACT153 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
CD54ACT153, CD74ACT153
DUAL 4-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
SCHS339 – MARCH 2003
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Inputs Are TTL-Voltage Compatible
D Speed of Bipolar F, AS, and S, With
Significantly Reduced Power
Consumption
D Balanced Propagation Delays
D ±24-mA Output Drive Current
– Fanout to 15 F Devices
D SCR-Latchup-Resistant CMOS Process
and Circuit Design
D Exceeds 2-kV ESD Protection Per
MIL-STD-883, Method 3015
description/ordering information
Each of these data selectors/multiplexers contains inverters and drivers to supply full binary decoding data
selection to the AND-OR gates. Separate strobe (G) inputs are provided for each of the two 4-line sections.
ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
PDIP – E
Tube
CD74ACT153E
CD74ACT153E
55
°Cto125°C
SOIC
M
Tube
CD74ACT153M
ACT153M
–55
°C to 125°C
SOIC – M
Tape and reel
CD74ACT153M96
ACT153M
CDIP – F
Tube
CD54ACT153F3A
CD54ACT153F3A
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines
are available at www.ti.com/sc/package.
FUNCTION TABLE
INPUTS
OUTPUT
SELECT‡
DATA
G
OUTPUT
Y
B
A
C0
C1
C2
C3
G
Y
X
X
X
X
X
X
H
L
L
LL
XX
X
L
L
L
LH
XX
X
L
H
L
HX
LX
XL
L
L
HX
HX
X
L
H
H
LX
XL
XL
L
H
LX
XH
X
L
H
H
HX
XX
L
L
L
H
H
X
X
X
H
L
H
‡ Select inputs A and B are common to both sections.
Copyright
 2003, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
CD54ACT153 ...F PACKAGE
CD74ACT153 ...E OR M PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
1G
B
1C3
1C2
1C1
1C0
1Y
GND
VCC
2G
A
2C3
2C2
2C1
2C0
2Y
On products compliant to MIL-PRF-38535, all parameters are tested
unless otherwise noted. On all other products, production
processing does not necessarily include testing of all parameters.


Similar Part No. - CD74ACT153

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74ACT153 TI-CD74ACT153 Datasheet
37Kb / 7P
Dual 4-Input Multiplexer
CD74ACT153E TI-CD74ACT153E Datasheet
37Kb / 7P
Dual 4-Input Multiplexer
CD74ACT153E TI-CD74ACT153E Datasheet
387Kb / 11P
DUAL 4-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
CD74ACT153EE4 TI-CD74ACT153EE4 Datasheet
387Kb / 11P
DUAL 4-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
CD74ACT153M TI-CD74ACT153M Datasheet
37Kb / 7P
Dual 4-Input Multiplexer
More results

Similar Description - CD74ACT153

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54153 NSC-54153 Datasheet
120Kb / 6P
Dual 4-Line to 1-Line Data Selectors/Multiplexers
logo
Texas Instruments
SN54ALS352 TI-SN54ALS352 Datasheet
94Kb / 6P
DUAL 4-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
logo
National Semiconductor ...
54LS352 NSC-54LS352 Datasheet
128Kb / 6P
Dual 4-Line to 1-Line Data Selectors/Multiplexers
logo
Texas Instruments
CD54AC153 TI-CD54AC153 Datasheet
338Kb / 6P
DUAL 4-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
logo
Renesas Technology Corp
HD74LS153 RENESAS-HD74LS153 Datasheet
82Kb / 8P
Dual 4-Line to 1-Line Data Selectors / Multiplexers
logo
Texas Instruments
SN74F352 TI1-SN74F352 Datasheet
181Kb / 5P
DUAL 4-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
SNJ54HC253J TI1-SNJ54HC253J Datasheet
995Kb / 19P
DUAL 4-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
SN54ALS352 TI1-SN54ALS352_11 Datasheet
349Kb / 11P
DUAL 4-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
SN54HC153 TI1-SN54HC153_15 Datasheet
1Mb / 21P
DUAL 4-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
SN54153 TI1-SN54153_15 Datasheet
1Mb / 19P
DUAL 4-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com