Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD74ACT283M Datasheet(PDF) 7 Page - Texas Instruments

Part # CD74ACT283M
Description  CDx4AC283, CDx4ACT283 4-Bit Binary Fill Adder with Fast Carry
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CD74ACT283M Datasheet(HTML) 7 Page - Texas Instruments

Back Button CD74ACT283M Datasheet HTML 3Page - Texas Instruments CD74ACT283M Datasheet HTML 4Page - Texas Instruments CD74ACT283M Datasheet HTML 5Page - Texas Instruments CD74ACT283M Datasheet HTML 6Page - Texas Instruments CD74ACT283M Datasheet HTML 7Page - Texas Instruments CD74ACT283M Datasheet HTML 8Page - Texas Instruments CD74ACT283M Datasheet HTML 9Page - Texas Instruments CD74ACT283M Datasheet HTML 10Page - Texas Instruments CD74ACT283M Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
4.6 Switching Specifications
Input tr, tf = 3ns, CL = 50pF (Worst Case)
PARAMETER
SYMBOL
VCC (V)
-40°C TO 85°C
-55°C TO 125°C
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
AC TYPES
Propagation Delay, An or Bn to
COUT
CIN to Sn
CIN to COUT
tPLH, tPHL
1.5
-
-
199
-
-
219
ns
3.3(1)
6.3
-
22.4
6.2
-
24.6
ns
5(2)
4.5
-
16
4.4
-
17.6
ns
Propagation Delay, An or Bn to
Sn
tPLH, tPHL
1.5
-
-
207
-
-
228
ns
3.3
6.6
-
23.2
6.4
-
25.5
ns
5
4.7
-
16.5
4.6
-
18.2
ns
Input Capacitance
CI
-
-
-
10
-
-
10
pF
Power Dissipation Capacitance
CPD (3)
-
-
120
-
-
120
-
pF
ACT TYPES
Propagation Delay, An or Bn to
COUT
CIN to Sn
CIN to COUT
tPLH, tPHL
5(2)
4.5
-
16
2.7
-
17.6
ns
Propagation Delay, An or Bn to
Sn
tPLH, tPHL
5
4.7
-
16.5
3.3
-
18.2
ns
Input Capacitance
CI
-
-
-
10
-
-
10
pF
Power Dissipation Capacitance
CPD (3)
-
-
120
-
-
120
-
pF
(1)
3.3V Min is at 3.6V, Max is at 3V.
(2)
5V Min is at 5.5V, Max is at 4.5V.
(3)
CPD is used to determine the dynamic power consumption per function.
Note
AC: PD = VCC 2 fi (CPD + CL)
ACT: PD = VCC 2 fi (CPD + CL) + VCC ΔICC where fi = input frequency, CL = output load capacitance,
VCC = supply voltage.
www.ti.com
CD54AC283, CD74AC283, CD54ACT283, CD74ACT283
SCHS251E – NOVEMBER 1998 – REVISED JANUARY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: CD54AC283 CD74AC283 CD54ACT283 CD74ACT283



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com