Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD74ACT283E Datasheet(PDF) 4 Page - Texas Instruments

Part # CD74ACT283E
Description  CDx4AC283, CDx4ACT283 4-Bit Binary Fill Adder with Fast Carry
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CD74ACT283E Datasheet(HTML) 4 Page - Texas Instruments

  CD74ACT283E Datasheet HTML 1Page - Texas Instruments CD74ACT283E Datasheet HTML 2Page - Texas Instruments CD74ACT283E Datasheet HTML 3Page - Texas Instruments CD74ACT283E Datasheet HTML 4Page - Texas Instruments CD74ACT283E Datasheet HTML 5Page - Texas Instruments CD74ACT283E Datasheet HTML 6Page - Texas Instruments CD74ACT283E Datasheet HTML 7Page - Texas Instruments CD74ACT283E Datasheet HTML 8Page - Texas Instruments CD74ACT283E Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
4 Specifications
4.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)(1)
MIN
MAX
UNIT
VCC
DC Supply Voltage
-0.5
6
V
IIK
DC Input Diode Current
For VI < -0.5V or VI > VCC +
0.5V
±20
mA
IOK
DC Output Diode Current
For VO < -0.5V or VO > VCC +
0.5V
±50
mA
IO
DC Output Source or Sink Current per
Output Pin
For VO > -0.5V or VO < VCC +
0.5V
±50
mA
ICC or IGND (2) DC VCC or Ground Current
±100
mA
TJ
Junction temperature (Plastic
Package)
150
°C
Tstg
Storage temperature
-65
150
°C
(1)
Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating
and operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not
implied.
(2)
For up to 4 outputs per device, add ±25mA for each additional output.
4.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001((1)
±2000
V
(1)
JEDEC document JEP155 states that 500V HBM allows safe manufacturing with a standard ESD control process.
4.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VCC (1)
Supply Voltage Range
AC Types
1.5
5.5
V
ACT Types
4.5
5.5
VI, VO
DC Input or Output Voltage
0
VCC
V
dt/dv
Input Rise and Fall Slew Rate
AC Types, 1.5V to 3V
±50
ns (Max)
AC Types, 3.6V to 5.5V
±20
ACT Types, 4.5V to 5.5V
±10
TA
Temperature Range
-55
125
°C
(1)
Unless otherwise specified, all voltages are referenced to ground.
4.4 Thermal Information
THERMAL METRIC(1)
D (SOIC)
N (PDIP)
UNIT
16 PINS
16 PINS
RθJA
Junction-to-ambient thermal resistance
73
67
°C/W
(1)
The package thermal impedance is calculated in accordance with JESD 51.
CD54AC283, CD74AC283, CD54ACT283, CD74ACT283
SCHS251E – NOVEMBER 1998 – REVISED JANUARY 2025
www.ti.com
4
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: CD54AC283 CD74AC283 CD54ACT283 CD74ACT283



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com