Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDX4ACT283 Datasheet(PDF) 6 Page - Texas Instruments

Part # CDX4ACT283
Description  CDx4AC283, CDx4ACT283 4-Bit Binary Fill Adder with Fast Carry
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CDX4ACT283 Datasheet(HTML) 6 Page - Texas Instruments

Back Button CDX4ACT283 Datasheet HTML 2Page - Texas Instruments CDX4ACT283 Datasheet HTML 3Page - Texas Instruments CDX4ACT283 Datasheet HTML 4Page - Texas Instruments CDX4ACT283 Datasheet HTML 5Page - Texas Instruments CDX4ACT283 Datasheet HTML 6Page - Texas Instruments CDX4ACT283 Datasheet HTML 7Page - Texas Instruments CDX4ACT283 Datasheet HTML 8Page - Texas Instruments CDX4ACT283 Datasheet HTML 9Page - Texas Instruments CDX4ACT283 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
SYMBOL PARAMETER
TEST CONDITIONS
VCC (V)
25°C
-40°C TO 85 °C
-55°C TO 125°C
UNIT
VI (V)
IO (mA)
MIN
MAX
MIN
MAX
MIN
MAX
ΔICC
Additional Supply Current
per Input Pin TTL Inputs
High 1 Unit Load
VCC -2.1
-
4.5 to
5.5
-
2.4
-
2.8
-
3
mA
(1)
Test one output at a time for a 1-second maximum duration. Measurement is made by forcing current and measuring voltage to
minimize power dissipation.
(2)
Test verifies a minimum 50Ω transmission-line-drive capability at 85°C, 75Ω at 125°C.
Table 4-1. ACT Input Load Table
INPUT
UNIT LOAD
A0, B0, A2, B2
1.66
A1, B1
1.9
A3, B3
1.4
CIN
1.1
Note
Unit load is ΔICC limit specified in DC Electrical Specifications Table, e.g., 2.4mA max at 25°C.
CD54AC283, CD74AC283, CD54ACT283, CD74ACT283
SCHS251E – NOVEMBER 1998 – REVISED JANUARY 2025
www.ti.com
6
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: CD54AC283 CD74AC283 CD54ACT283 CD74ACT283



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com