Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD74HC563 Datasheet(PDF) 5 Page - Texas Instruments

Part # CD74HC563
Description  High-Speed CMOS Logic Octal Inverting Transparent Latch, Three-State Outputs
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CD74HC563 Datasheet(HTML) 5 Page - Texas Instruments

  CD74HC563 Datasheet HTML 1Page - Texas Instruments CD74HC563 Datasheet HTML 2Page - Texas Instruments CD74HC563 Datasheet HTML 3Page - Texas Instruments CD74HC563 Datasheet HTML 4Page - Texas Instruments CD74HC563 Datasheet HTML 5Page - Texas Instruments CD74HC563 Datasheet HTML 6Page - Texas Instruments CD74HC563 Datasheet HTML 7Page - Texas Instruments CD74HC563 Datasheet HTML 8Page - Texas Instruments CD74HC563 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
5
Prerequisite For Switching Specifications
PARAMETER
SYMBOL
TEST
CONDITIONS
VCC
(V)
25oC
-40oC TO 85oC
-55oC TO 125oC
UNITS
MIN
TYP
MAX
MIN
MAX
MIN
MAX
HC TYPES
LE Pulse Width
tW
-
2
80
-
-
100
-
120
-
ns
4.5
16
-
-
20
-
24
-
ns
6
14
-
-
17
-
20
-
ns
Set-up Time Data to LE
tSU
-
2
50
-
-
65
-
75
-
ns
4.5
10
-
-
13
-
15
-
ns
6
9
-
-
11
-
13
-
ns
Hold Time, Data to LE
(533)
tH
-
2
35
-
-
45
-
55
-
ns
4.5
7
-
-
9
-
11
-
ns
6
6
-
-
8-7-
ns
Hold Time, Data to LE
(563)
tH
-2
4
-
-
4
-
4
-
ns
4.5
4
-
-
4
-
4
-
ns
6
4
-
-
4-4-
ns
HCT TYPES
LE Pulse Width
tw
-
4.5
16
-
-
20
-
24
-
ns
Set-up Time Data to LE
tw
-
4.5
10
-
-
13
-
15
-
ns
Hold Time, Data to LE (533)
tH
-
4.5
8
-
-
10
-
12
-
ns
Hold Time, Data to LE (563)
tH
-
4.5
5
-
-
5
-
5
-
ns
Switching Specifications Input tr, tf = 6ns
PARAMETER
SYMBOL
TEST
CONDITIONS
VCC (V)
25oC
-40oC TO 85oC
-55oC TO
125oC
UNITS
TYP
MAX
MAX
MAX
HC TYPES
Propagation Delay,
Data to Qn
(HC533)
tPLH, tPHL
CL = 50pF
2
-
165
205
250
ns
4.5
-
33
41
50
ns
6
-
28
35
43
ns
CL = 15pF
5
13
-
-
-
ns
Propagation Delay,
Data to Qn
(HC563)
tPLH, tPHL
CL = 50pF
2
-
150
190
225
ns
4.5
-
30
38
45
ns
6
-
26
33
38
ns
CL = 15pF
5
12
-
-
-
ns
Propagation Delay,
LE to Qn
(HC533)
tPLH, tPHL
CL = 50pF
2
-
175
220
265
ns
4.5
-
35
44
53
ns
6
-
30
37
45
ns
CL = 15pF
5
14
-
-
-
ns
Propagation Delay,
LE to Qn
(HC563)
tPLH, tPHL
CL = 50pF
2
-
165
205
250
ns
4.5
-
33
41
50
ns
6
-
28
35
43
ns
CL = 15pF
5
13
-
-
-
ns
CD54/74HC533, CD54/74HCT533, CD54/74HC563, CD74HCT563



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com