Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GF55 Datasheet(PDF) 2 Page - TT Electronics.

Part # GF55
Description  Thick Film Metal Glaze™ Resistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

GF55 Datasheet(HTML) 2 Page - TT Electronics.

  GF55 Datasheet HTML 1Page - TT Electronics. GF55 Datasheet HTML 2Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Thick Film
Metal Glaze™ Resistor
GF Series
• 4222 South Staples Street • Corpus Christi Texas 78411 USA
Wire and Film Technologies Division
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
Physical Data
Dimensions
Dim
Code
Nominal
Size
Body Length
BL
Body Diameter
BD
Lead Length
LL
Lead Diameter
LD
Clean Lead
3
1/4
0.250 ± 0.015
(6.4 ± 0.4)
0.090 ± 0.008
(2.3 ± 0.2)
0.150 ± 0.125
(38.1 ± 3.2)
0.025 ± 0.002
(0.64 ± 0.05)
0.310
(7.9)
4
1/2W
0.390 ± 0.010
(9.9 ± 0.3)
0.140 ± 0.008
(3.8 ± 0.2)
0.150 ± 0.125
(38.1 ± 3.2)
0.025 ± 0.002
(0.64 ± 0.05)
0.450
(11.4)
5
3W
0.515 ± 0.010
(13.1 ± 0.3)
0.225 ± 0.008
(5.7 ± 0.2)
0.150 ± 0.125
(38.1 ± 3.2)
0.032 ± 0.002
(0.81 ± 0.05)
0.575
(14.6)
Thick Film
Metal Glaze™ Resistor
LL
LD
BL
BD
GF Series Issue October 2008 Sheet 2 of 2
Sample Part No.
MIL Style
GS = Fixed film resistor. High stability
Power Rating
07 = 1/2 watt
20 = 3/4 watt
3 = 3 watt
T.C. Characteristics
D = ±100 ppm/°C
C = ±50 ppm/°C
Resistance
First three digits represent significant figures; fourth digit is number of zero’s.
Tolerance
F = ±1%, G = ±2%, J = ±5%
Ordering Data
GF - 20
D
1002
F
Make Possible
07.14
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronicsresistors.com
X
X
X
Dim Codes 3 & 4
OBSOLETE



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com