Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS-3 Datasheet(PDF) 3 Page - TT Electronics.

Part # GS-3
Description  Thick Film Semi-Precision Metal Glaze™ Power Resistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

GS-3 Datasheet(HTML) 3 Page - TT Electronics.

  GS-3 Datasheet HTML 1Page - TT Electronics. GS-3 Datasheet HTML 2Page - TT Electronics. GS-3 Datasheet HTML 3Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Thick Film Semi-Precision
Metal Glaze™ Power Resistors
GS-3 Series
• 4222 South Staples Street • Corpus Christi Texas 78411 USA
Wire and Film Technologies Division
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
GS-3 Series Issue October 2008 Sheet 3 of 3
Thick Film Semi-Precision
Metal Glaze™
Power Resistors
Sample Part No.
IRC Type
GS = (Fixed Film Resistor High Stability)
Power Rating
3 = 3W @ 25°C / 2W @ 70°C
TCR Characteristics
50 = ±50 pmm/°C
100 = ±100 pmm/°C
200 = ±200 pmm/°C
(available on values greater than 10 ohms)
Resistance Value
(100 ohms and greater - First 3 significant digits plus 4th digit multiplier)
Example: 100 ohms = 1000, 1000 ohms = 1001, 150,000 ohms = 1503
(Less than 100 ohms - "R" is used to designate decimal)
Example: 51 ohms = 51R0, 1 ohm = 1R00, 0.25 ohms = R250
Tolerance
F = ±1%, G = ±2%, J = ±5%
RoHS Compliance
LF = RoHS-compliant product
Ordering Data
F
L
J
0
0
0
1
0
0
1
3
-
S
G
Make Possible
09.15
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronicsresistors.com
Omit this code for SnPb finish
OBSOLETE



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com