Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SX28AC/DP-G Datasheet(PDF) 23 Page - Parallax Inc

Part # SX28AC/DP-G
Description  Configurable Communications Controllers with EE/Flash Program Memory, In-System Programming Capability and On-Chip Debug
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PARALLAX [Parallax Inc]
Direct Link  https://www.parallax.com/
Logo PARALLAX - Parallax Inc

SX28AC/DP-G Datasheet(HTML) 23 Page - Parallax Inc

Back Button SX28AC/DP-G Datasheet HTML 19Page - Parallax Inc SX28AC/DP-G Datasheet HTML 20Page - Parallax Inc SX28AC/DP-G Datasheet HTML 21Page - Parallax Inc SX28AC/DP-G Datasheet HTML 22Page - Parallax Inc SX28AC/DP-G Datasheet HTML 23Page - Parallax Inc SX28AC/DP-G Datasheet HTML 24Page - Parallax Inc SX28AC/DP-G Datasheet HTML 25Page - Parallax Inc SX28AC/DP-G Datasheet HTML 26Page - Parallax Inc SX28AC/DP-G Datasheet HTML 27Page - Parallax Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 51 page
background image
Parallax SX20AC/SX28AC
www.parallax.com
© Parallax Inc.
Page 23 of 51
Rev 1.6 11/20/2006
9.0
OSCILLATOR CIRCUITS
The device supports several user-selectable oscillator
modes. The oscillator modes are selected by programming
the appropriate values into the FUSE Word register.
These are the different oscillator modes offered:
LP: Low Power Crystal
XT: Crystal/Resonator
HS: High Speed Crystal/Resonator
RC: External Resistor/Capacitor
9.1.
XT, LP or HS modes
In XT, LP or HS, modes, you can use either an external
resonator circuit or an external clock source as the device
clock.
To use an external resonator circuit, connect a crystal or
ceramic
resonator
to
the
OSC1/CLKIN
and
OSC2/CLKOUT
pins
according
to
the
circuit
configuration shown in Figure 9-1. A parallel resonant
crystal type is recommended. Use of a series resonant
crystal is not recommended. Table 9-1 shows the
recommended external components associated with a
crystal-based
oscillator.
Table
9-2
shows
the
recommended external component values for a resonator-
based oscillator.
Bits 5, 1 and 0 of the FUSE register (FOSC2:FOSC0) are
used to configure the different external resonator/crystal
oscillator modes. These bits allow the selection of the
appropriate gain setting for the internal driver to match
the desired operating frequency. If the XT, LP, or HS
mode is selected, the OSC1/CLKIN pin can be driven by
an external clock source rather than a resonator network,
as long as the clock signal meets the specified duty cycle,
rise and fall times, and input levels (Figure 9-2). In this
case, the OSC2/CLKOUT pin should be left open.
Figure 9-1: Crystal Operation
(or Ceramic Resonator)
(HS, XT or LP OSC Configuration)
Figure 9-2: Crystal Operation
(or Ceramic Resonator)
(HS, XT or LP OSC Configuration)
Table 9-1: External Component Selection for Crystal Oscillator (Vdd = 5.0V), Rs = 0 Ω
FOSC2:FOSC0
Crystal Frequency
C1
C2
RF
010
4 MHz
15 pF
22 pF
1 MΩ
011
8 MHz
56 pF
33 pF
1 MΩ
011
20 MHz
33 pF
22 pF
1 MΩ
011
32 MHz
15 pF
22 pF
1 MΩ
100
50* MHz
15 pF
15 pF
1 MΩ
* 50 MHz fundamental crystal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com