Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F0452B Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # F0452B
Description  Dual Path RF Switch with LNA and DVGA 2.3GHz to 2.7GHz
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F0452B Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button F0452B Datasheet HTML 9Page - Renesas Technology Corp F0452B Datasheet HTML 10Page - Renesas Technology Corp F0452B Datasheet HTML 11Page - Renesas Technology Corp F0452B Datasheet HTML 12Page - Renesas Technology Corp F0452B Datasheet HTML 13Page - Renesas Technology Corp F0452B Datasheet HTML 14Page - Renesas Technology Corp F0452B Datasheet HTML 15Page - Renesas Technology Corp F0452B Datasheet HTML 16Page - Renesas Technology Corp F0452B Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
F0452B Datasheet
© 2019 Renesas Electronics Corporation
13
July 13, 2021
Thermal Characteristics
Table 7.
Thermal Characteristics
Parameter
Symbol
Value
Units
Junction-to-Ambient Thermal Resistance
θJA
43
°C/W
Junction-to-Case Thermal Resistance
(Case is defined as the exposed paddle)
θJC_BOT
11.7
°C/W
Moisture Sensitivity Rating (Per J-STD-020)
MSL3
Typical Operating Conditions
Unless otherwise noted:
VDD = +3.3V
TEPAD = 25°C
ZL = ZS = 50Ω single-ended with matching networks
STBY1 = STBY2 = LOW or open
SW_CTRL = LOW or open
Gain Setting = High Gain Mode
PIN ≤ -30dBm
All temperatures are referenced to the exposed paddle
Evaluation kit traces and connector losses are de-embedded



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com