Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F0452BLEGK Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # F0452BLEGK
Description  Dual Path RF Switch with LNA and DVGA 2.3GHz to 2.7GHz
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F0452BLEGK Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button F0452BLEGK Datasheet HTML 6Page - Renesas Technology Corp F0452BLEGK Datasheet HTML 7Page - Renesas Technology Corp F0452BLEGK Datasheet HTML 8Page - Renesas Technology Corp F0452BLEGK Datasheet HTML 9Page - Renesas Technology Corp F0452BLEGK Datasheet HTML 10Page - Renesas Technology Corp F0452BLEGK Datasheet HTML 11Page - Renesas Technology Corp F0452BLEGK Datasheet HTML 12Page - Renesas Technology Corp F0452BLEGK Datasheet HTML 13Page - Renesas Technology Corp F0452BLEGK Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
F0452B Datasheet
© 2019 Renesas Electronics Corporation
10
July 13, 2021
Parameter
Symbol
Condition
Minimum
Typical
Maximum
Units
Power ON from Standby Mode [b]
SWON_STANDBY
To RX Mode from Standby
Mode
50% STBYx to RF output
settled within ±0.1dB of final
value
1
µs
Power OFF to Standby Mode [b]
SWOFF_STANDBY
To Standby Mode from RX
Mode
50% STBYx to gain below
-25dB from maximum gain
1
µs
[a] Items in the “Minimum”/“Maximum” columns in bold italics are confirmed by test. Items in the “Minimum”/“Maximum” columns not in bold italics
are confirmed by design characterization.
[b] fRF = 2.6GHz. Assumes the control signal is clean and no external RC circuitry is required on the pin. Adding RC circuitry increases switching
time. Timing tests performed with a control logic signal of +3.3V and a rise/fall time ≤ 30ns.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com