Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MDA110 Datasheet(PDF) 1 Page - ASEMI TECHNOLOGY., LTD

Part # MDA110
Description  Glass Passivated Rectifier Diode Modules
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASEMI [ASEMI TECHNOLOGY., LTD]
Direct Link  https://www.asemi99.com/
Logo ASEMI - ASEMI TECHNOLOGY., LTD

MDA110 Datasheet(HTML) 1 Page - ASEMI TECHNOLOGY., LTD

  MDA110 Datasheet HTML 1Page - ASEMI TECHNOLOGY., LTD MDA110 Datasheet HTML 2Page - ASEMI TECHNOLOGY., LTD MDA110 Datasheet HTML 3Page - ASEMI TECHNOLOGY., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MDK110 ; MDA110 ; MDC110
Circuit
MDK
2
3
1
MDA
2
3
1
MDC
2
3
1
Glass Passivated Rectifier
Diode Modules
VRRM 800 to 1800V
IFAV 100 Amp
Applications
Non-controllable
rectifiers
for
AC/AC converters
Line rectifiers for transistorized AC
motor controllers
Field supply for DC motors
Features
Blocking voltage: 800 to 1800V
Heat transfer through aluminum oxide
ceramic isolated metal baseplate
Glass passivated chip
Module Type
TYPE
VRRM
VRSM
MDK110-08
MDA110-08
MDC110-08
800V
900V
MDK110-12
MDA110-12
MDC110-12
1200V
1300V
MDK110-16
MDA110-16
MDC110-16
1600V
1700V
MDK110-18
MDA110-18
MDC110-18
1800V
1900V
Maximum Ratings
Symbol
Conditions
Values
Units
IFAV
Tc=100
℃
110
A
IFSM
t=10mS Tvj =45
℃
2500
A
i2t
t=10mS Tvj =45
℃
31250
A2s
Visol
a.c.50Hz;r.m.s.;1min
3000
V
Tvj
-40 to 150
℃
Tstg
-40 to 125
℃
Mt
To terminals(M5)
2
.5-4
Nm
Ms
To heatsink(M5)
2
.5-4
Nm
Weight
Module
110
g
Thermal Characteristics
Symbol
Conditions
Values
Units
Rth(j-c)
Per diode
0.35
℃/W
Rth(c-s)
Module
0.1
℃/W
Electrical Characteristics
Symbol
Conditions
Values
Units
VFM
T=25℃ IFM =300A
1.35
V
IRD
Tvj=TvjM VRD=VRRM
≤ 5
mA
www.asemi88i.com
1/4


Similar Part No. - MDA110

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
MDA110A NJSEMI-MDA110A Datasheet
89Kb / 1P
MINIATURE INTEGRAL DIODE ASSEMBLIES
logo
Rectron Semiconductor
MDA110G RECTRON-MDA110G Datasheet
21Kb / 2P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere)
MDA110G RECTRON-MDA110G Datasheet
226Kb / 3P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere
More results

Similar Description - MDA110

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MSKD200-16 MICROSEMI-MSKD200-16 Datasheet
142Kb / 3P
Glass Passivated Rectifier Diode Modules
logo
List of Unclassifed Man...
MSCD36B ETC2-MSCD36B Datasheet
155Kb / 3P
Glass Passivated Rectifier Diode Modules
logo
Yangzhou yangjie electr...
MD36C08D1 YANGJIE-MD36C08D1 Datasheet
123Kb / 3P
Glass Passivated Rectifier Diode Modules Diode Modules
MD60C08D1 YANGJIE-MD60C08D1 Datasheet
123Kb / 3P
Glass Passivated Rectifier Diode Modules Diode Modules
MD70C08D1 YANGJIE-MD70C08D1 Datasheet
123Kb / 3P
Glass Passivated Rectifier Diode Modules Diode Modules
MD100C08D1 YANGJIE-MD100C08D1 Datasheet
123Kb / 3P
Glass Passivated Rectifier Diode Modules Diode Modules
MD165C08D2 YANGJIE-MD165C08D2 Datasheet
140Kb / 3P
Glass Passivated Rectifier Diode Modules Diode Modules
logo
Shanghai Leiditech Elec...
MD100C18D1 LEIDITECH-MD100C18D1 Datasheet
303Kb / 3P
Glass Passivated Rectifier Diode Modules
MD60C18J1 LEIDITECH-MD60C18J1 Datasheet
340Kb / 3P
Glass Passivated Rectifier Diode Modules
MD165C18J2 LEIDITECH-MD165C18J2 Datasheet
321Kb / 3P
Glass Passivated Rectifier Diode Modules
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com