Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AXANMSF Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # AXANMSF
Description  N MALE TO SMA FEMALE ADAPTER
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

AXANMSF Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  AXANMSF Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1.17 29.7
.79 20.10
5/8-24UNEF-2B
1/4-36UNS-2A
.79 20
RoHS Compliant 
NOTES:
ELECTRICAL:
IMPEDANCE: 50 OHMS
WITHSTAND VOLTAGE: 1000V
FREQUENCY RANGE: 0~6 GHz
VOLTAGE RATING: 500V PEAK
INSERTION LOSS: .15 dB MAX
MISCELLANEOUS:
COMPONENTS SHALL BE INDIVIDUALLY PACKAGED IN
ACCORDANCE WITH L-COM SPECIFICATIONS PS-0031.
ALL DIMENSIONS ARE FOR REFERENCE ONLY.
DESCRIPTION
MATERIAL
FINISH
BODY
BRASS
NICKEL
PIN
BRASS
GOLD
DIELECTRIC
PTFE
-
GASKET
RUBBER
-
A
B
C
D
45 BEECHWOOD DRIVE
NORTH ANDOVER, MA
01845
SCALE:
SIZE
CAD FILE:
DWG. NO.
A
SHEET
OF
REV.
DATE
APPROVALS
DRAWN BY
CHECKED BY
APPROVED BY
1
2
3
4
5
6
7
8
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE
PROPERTY OF L-COM, INC. ANY REPRODUCTION IN PART OR WHOLE
WITHOUT THE WRITTEN PERMISSION OF L-COM, INC. IS PROHIBITED.
A
B
C
D
1
2
3
4
5
6
7
8
AXA-NMSF
A
AXA-NMSF.SLDDRW
1
1
K.BURGNER
01/29/13
REVISIONS
DESCRIPTION
APPROVED
REV
DATE
K.BURGNER
01/29/13
01/29/13
A
-
INITIAL RELEASE
-
-
D.GRIFFIN
-
-
-
-
-
CATEGORY
PRODUCT DESCRIPTION
DIMENSIONS ARE IN INCHES [mm]
CONFIGURATION DETAILS OF
UNDIMENSIONED FEATURES
MAY VARY
NONE
FSCM NO.
43321
N MALE TO SMA FEMALE ADAPTER
COAXIAL
PROJECTION
UNLESS OTHERWISE SPECIFIED,
B.PUCHASKI
COLOR VARIATIONS
MAY OCCUR
01/29/13
DIMENSIONAL TOLERANCES:
.X = ±.1
.XX = ±.01
.XXX = ±.005
ANGULAR TOLERANCES:
ALL = ± 1°


Similar Part No. - AXANMSF

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
AXANMSM L-COM-AXANMSM Datasheet
30Kb / 1P
N-MALE TO SMA-MALE ADAPTOR
02/21/05
More results

Similar Description - AXANMSF

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9081 PASTERNACK-PE9081 Datasheet
253Kb / 3P
SMA Female to N Male Adapter
PE9082 PASTERNACK-PE9082 Datasheet
253Kb / 3P
SMA Male to N Female Adapter
PE9430 PASTERNACK-PE9430 Datasheet
244Kb / 2P
Precision SMA Female to N Male Adapter
PE9433 PASTERNACK-PE9433 Datasheet
244Kb / 2P
Precision SMA Male to N Female Adapter
PE9082 PASTERNACK-PE9082 Datasheet
253Kb / 3P
SMA Male to N Female Adapter
logo
List of Unclassifed Man...
5010 ETC2-5010 Datasheet
132Kb / 1P
TYPE N FEMALE TO SMA MALE ADAPTER
logo
Pasternack Enterprises,...
PE9551 PASTERNACK-PE9551 Datasheet
357Kb / 4P
Bulkhead SMA Female to N Male Adapter
PE91337 PASTERNACK-PE91337 Datasheet
326Kb / 3P
Precision N Male to SMA Female Adapter
logo
Mini-Circuits
SFR-NM50 MINI-SFR-NM50 Datasheet
179Kb / 2P
Adapter SMA-Female to N-Male
NFFL-SM50 MINI-NFFL-SM50 Datasheet
195Kb / 2P
Adapter N-Female to SMA-Male
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com