Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AXARTPRTJ90 Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # AXARTPRTJ90
Description  RP-TNC Plug to RP-TNC Jack Right Angle
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

AXARTPRTJ90 Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  AXARTPRTJ90 Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Initial Release
Right Angle
CONNECTOR
A
RP-TNC Plug to RP-TNC Jack
06/22/10 B.Puchaski
RoHS Compliant
DESCRIPTION
MATERIAL
FINISH
CENTER PIN-1
BRASS
GOLD
CENTER PIN-2
BRASS
GOLD
BODY-1
BRASS
NICKEL
BODY-2
BRASS
NICKEL
RETAINING RING
BRASS
NICKEL
GASKET
RUBBER
---
INSULATOR-1
PTFE
---
INSULATOR-2
PTFE
---
NOTES:
ELECTRICAL:
IMPEDENCE: 50 OHMS
VOLTAGE RATING: 500 VOLTS PEAK
WITHSTAND VOLTAGE: 1000V
FREQUENCY RANGE: DC~6 GHz
INSERTION LOSS: .2 dB MAX
MISCELLANEOUS:
COMPONENTS SHALL BE INDIVIDUALLY PACKAGED IN
ACCORDANCE WITH L-COM SPECIFICATIONS PS-0031.
ALL DIMENSIONS ARE FOR REFERENCE ONLY.
UNDIMENSIONED FEATURES
MAY OCCUR
A
B
C
B.Puchaski
DIMENSIONS ARE IN INCHES [mm]
CONFIGURATION DETAILS OF
01845
SCALE:
SIZE
CAD FILE:
DWG. NO.
A
SHEET
OF
REV.
DATE
APPROVALS
DRAWN BY
CHECKED BY
APPROVED BY
1
2
3
4
5
6
7
COLOR VARIATIONS
D
45 BEECHWOOD DRIVE
WITHOUT THE WRITTEN PERMISSION OF L-COM, INC. IS PROHIBITED.
A
B
C
D
1
2
3
4
5
6
REV
K.Burgner
06/22/10
7
AXA-RTPRTJ90
8
A
1
06/22/10
REVISIONS
DESCRIPTION
APPROVED
UNLESS OTHERWISE SPECIFIED,
PROJECTION
DATE
06/22/10
CATEGORY
PRODUCT DESCRIPTION
NORTH ANDOVER, MA
8
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE
MAY VARY
NONE
FSCM NO.
43321
AXA-RTPRTJ90.SLDDRW
K.Burgner
PROPERTY OF L-COM, INC. ANY REPRODUCTION IN PART OR WHOLE
1
DIMENSIONAL TOLERANCES:
.X = ±.1
.XX = ±.01
.XXX = ±.005
ANGULAR TOLERANCES:
ALL = ± 1°
7/16-28UNEF-2A
7/16-28UNEF-2B
S
11
0.433
1.11
28.2


Similar Part No. - AXARTPRTJ90

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
AXARTPRSJ L-COM-AXARTPRSJ Datasheet
105Kb / 1P
RP-TNC PLUG to RP-SMA JACK ADAPTER
01/22/08
More results

Similar Description - AXARTPRTJ90

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
73053 POMONA-73053 Datasheet
114Kb / 1P
TNC Right-Angle Jack to Plug Adapter
logo
Amphenol Corporation
031-5679 AMPHENOL-031-5679 Datasheet
567Kb / 1P
Reverse Polarity RP-TNC Connectors
31-6502 AMPHENOL-31-6502 Datasheet
148Kb / 1P
TNC RP STR PLUG IP67 FOR LMR-200 CABLE
31-6506 AMPHENOL-31-6506 Datasheet
146Kb / 1P
TNC STR JACK RP IP-67 FOR LMR-200 CABLE
logo
Pasternack Enterprises,...
PE4678 PASTERNACK-PE4678 Datasheet
226Kb / 2P
RP TNC Male Right Angle Connector Crimp/ Solder Attachment For RG58
logo
List of Unclassifed Man...
ANT-DB1-HDP-TNC ETC2-ANT-DB1-HDP-TNC Datasheet
218Kb / 1P
TNC, SMA, or RP-SMA connector
ANT-DB1-RMS-RPS ETC2-ANT-DB1-RMS-RPS Datasheet
185Kb / 1P
RP-SMA or TNC connector
ANT-DB1-VDP-TNC ETC2-ANT-DB1-VDP-TNC Datasheet
197Kb / 1P
TNC, SMA or RP-SMA connector
logo
Molex Electronics Ltd.
0733861580 MOLEX11-0733861580 Datasheet
39Kb / 1P
75 Ohms, N Plug to TNC Jack RP Straight, IP-68
0733861580 MOLEX-0733861580_V01 Datasheet
36Kb / 1P
75 Ohms, N Plug to TNC Jack RP Straight, IP-68
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com