Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CSD87384MT.B Datasheet(PDF) 4 Page - Texas Instruments

Part # CSD87384MT.B
Description  CSD87384M Synchronous Buck NexFET™ Power Block II
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CSD87384MT.B Datasheet(HTML) 4 Page - Texas Instruments

  CSD87384MT.B Datasheet HTML 1Page - Texas Instruments CSD87384MT.B Datasheet HTML 2Page - Texas Instruments CSD87384MT.B Datasheet HTML 3Page - Texas Instruments CSD87384MT.B Datasheet HTML 4Page - Texas Instruments CSD87384MT.B Datasheet HTML 5Page - Texas Instruments CSD87384MT.B Datasheet HTML 6Page - Texas Instruments CSD87384MT.B Datasheet HTML 7Page - Texas Instruments CSD87384MT.B Datasheet HTML 8Page - Texas Instruments CSD87384MT.B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
CSD87384M
SLPS415D – SEPTEMBER 2013 – REVISED MARCH 2015
www.ti.com
5.4 Thermal Information
TA = 25°C (unless otherwise stated)
THERMAL METRIC
MIN
TYP
MAX
UNIT
Junction-to-ambient thermal resistance (Min Cu) (1)
153
RθJA
Junction-to-ambient thermal resistance (Max Cu) (2)(1)
67
°C/W
Junction-to-case thermal resistance (Top of package) (1)
3.0
RθJC
Junction-to-case thermal resistance (PGND Pin)
(1)
1.25
(1)
RθJC is determined with the device mounted on a 1 inch
2 (6.45 cm2), 2 oz. (0.071 mm thick) Cu pad on a 1.5 inch × 1.5 inch
(3.81 cm × 3.81 cm), 0.06 inch (1.52 mm) thick FR4 board. RθJC is specified by design while RθJA is determined by the user’s board
design.
(2)
Device mounted on FR4 material with 1 inch2 (6.45 cm2) Cu.
5.5 Electrical Characteristics
TA = 25°C (unless otherwise stated)
Q1 Control FET
Q2 Sync FET
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
STATIC CHARACTERISTICS
BVDSS
Drain-to-Source Voltage
VGS = 0 V, IDS = 250 μA
30
30
V
Drain-to-Source Leakage
IDSS
VGS = 0 V, VDS = 24 V
1
1
μA
Current
Gate-to-Source Leakage
IGSS
VDS = 0 V, VGS = 10 V
100
100
nA
Current
Gate-to-Source Threshold
VGS(th)
VDS = VGS, IDS = 250 μA
1.1
1.9
1.1
1.7
V
Voltage
VGS = 4.5 V, IDS = 25 A
7.5
8.9
2.15
2.6
RDS(on)
Drain-to-Source On-Impedance
m
Ω
VGS = 8 V, IDS = 25 A
6.4
7.7
1.95
2.4
gƒs
Transconductance
VDS = 10 V, IDS = 25 A
67
240
S
DYNAMIC CHARACTERISTICS
CISS
Input Capacitance (1)
884
1150
3760
4890
pF
COSS
Output Capacitance (1)
VGS = 0 V, VDS = 15 V,
452
588
1110
1440
pF
f = 1MHz
Reverse Transfer Capacitance
CRSS
19.4
25.2
87
114
pF
(1)
RG
Series Gate Resistance (1)
1.0
2.0
0.7
1.4
Ω
Qg
Gate Charge Total (4.5 V) (1)
7.1
9.2
31
40
nC
Qgd
Gate Charge – Gate-to-Drain
1.5
8.6
nC
VDS = 15 V,
IDS = 25 A
Qgs
Gate Charge – Gate-to-Source
2.7
8.6
nC
Qg(th)
Gate Charge at Vth
1.3
5.4
nC
QOSS
Output Charge
VDD = 12 V, VGS = 0 V
11.3
37
nC
td(on)
Turn On Delay Time
8.7
17.5
ns
tr
Rise Time
56
49
ns
VDS = 15 V, VGS = 4.5 V,
IDS = 25 A, RG = 2 Ω
td(off)
Turn-Off Delay Time
14
29
ns
tƒ
Fall Time
7.6
8.2
ns
DIODE CHARACTERISTICS
VSD
Diode Forward Voltage
IDS = 25 A, VGS = 0 V
0.85
0.80
V
Qrr
Reverse Recovery Charge
21
51
nC
Vdd = 15 V, IF = 25 A,
di/dt = 300 A/
μs
trr
Reverse Recovery Time
21
32
ns
(1)
Specified by design
4
Submit Documentation Feedback
Copyright © 2013–2015, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com