Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC8534IPWR Datasheet(PDF) 2 Page - Texas Instruments

Part # DAC8534IPWR
Description  Quad Channel, Low Power, 16-Bit, Serial Input DIGITAL-TO-ANALOG CONVERTER
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC8534IPWR Datasheet(HTML) 2 Page - Texas Instruments

  DAC8534IPWR Datasheet HTML 1Page - Texas Instruments DAC8534IPWR Datasheet HTML 2Page - Texas Instruments DAC8534IPWR Datasheet HTML 3Page - Texas Instruments DAC8534IPWR Datasheet HTML 4Page - Texas Instruments DAC8534IPWR Datasheet HTML 5Page - Texas Instruments DAC8534IPWR Datasheet HTML 6Page - Texas Instruments DAC8534IPWR Datasheet HTML 7Page - Texas Instruments DAC8534IPWR Datasheet HTML 8Page - Texas Instruments DAC8534IPWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
DAC8534
2
SBAS254D
www.ti.com
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
STATIC PERFORMANCE (1)
Resolution
16
Bits
Relative Accuracy
±0.0987
% of FSR
Differential Nonlinearity
16-Bit Monotonic
0.25
±1LSB
Zero-Scale Error
+5
+20
mV
Zero-Scale Error Drift
±7
µV/°C
Full-Scale Error
–0.15
–1.0
% of FSR
Gain Error
±1.0
% of FSR
Gain Temperature Coefficient
±3
ppm of FSR/
°C
Channel-to-Channel Matching
R
L = 2kΩ, CL = 200pF
8
mV
PSRR
0.75
mV/V
OUTPUT CHARACTERISTICS (2)
Output Voltage Range
0V
REFHV
Output Voltage Settling Time
To
±0.003% FSR
8
10
µs
0200
H to FD00H
R
L = 2kΩ; 0pF < CL < 200pF
R
L = 2kΩ; CL = 500pF
12
µs
Slew Rate
1V/
µs
Capacitive Load Stability
R
L = ∞
470
pF
R
L = 2kΩ
1000
pF
Code Change Glitch Impulse
1LSB Change Around Major Carry
20
nV-s
Digital Feedthrough
0.5
nV-s
DC Crosstalk
0.25
LSB
AC Crosstalk
1kHz sine Wave
–100
–96
dB
DC Output Impedance
1
Ω
Short-Circuit Current
AV
DD = +5V
50
mA
AV
DD = +3V
20
mA
Power-Up Time
Coming Out of Power-Down Mode
AV
DD = +5V
2.5
µs
Coming Out of Power-Down Mode
AV
DD = +3V
5
µs
AC PERFORMANCE
BW = 20kHz, AV
DD = 5V
SNR (1st 19 Harmonics Removed)
F
OUT = 1kHz
94
dB
THD
67
dB
SFDR
69
dB
SINAD
65
dB
AVDD to GND ........................................................................ –0.3V to +6V
Digital Input Voltage to GND ............................... –0.3V to +AVDD + 0.3V
VOUTA to VOUTD to GND .................................... –0.3V to + AVDD + 0.3V
Operating Temperature Range ...................................... –40
°C to +105°C
Storage Temperature Range ......................................... –65
°C to +150°C
Junction Temperature Range (TJ max) ........................................ +150°C
Power Dissipation .......................................................... (TJ max – TA)/θJA
θ
JA Thermal Impedance ......................................................... 118°C/W
θ
JC Thermal Impedance ........................................................... 29°C/W
Lead Temperature, Soldering:
Vapor Phase (60s) ............................................................... +215
°C
Infrared (15s) ........................................................................ +220
°C
NOTE: (1) Stresses above those listed under “Absolute Maximum Ratings”
may cause permanent damage to the device. Exposure to absolute maximum
conditions for extended periods may affect device reliability.
ELECTROSTATIC
DISCHARGE SENSITIVITY
This integrated circuit can be damaged by ESD. Texas Instru-
ments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling
and installation procedures can cause damage.
ESD damage can range from subtle performance degradation
to complete device failure. Precision integrated circuits may be
more susceptible to damage because very small parametric
changes could cause the device not to meet its published
specifications.
ABSOLUTE MAXIMUM RATINGS(1)
PACKAGE/ORDERING INFORMATION
SPECIFICATION
PACKAGE
TEMPERATURE
PACKAGE
ORDERING
TRANSPORT
PRODUCT
PACKAGE-LEAD
DESIGNATOR(1)
RANGE
MARKING
NUMBER
MEDIA, QUANTITY
DAC8534
TSSOP-16
PW
–40
°C to +105°C
D8534I
DAC8534IPW
Tube, 90
""
"
"
"
DAC8534IPWR
Tape and Reel, 2000
NOTE: (1) For the most current specifications and package information, refer to our web site at www.ti.com.
ELECTRICAL CHARACTERISTICS
AV
DD = +2.7V to +5.5V, –40°C to +105°C, unless otherwise specified.
DAC8534
NOTES: (1) Linearity calculated using a reduced code range of 485 to 64714; output unloaded. (2) Ensured by design and characterization, not production tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com