Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M25PE16-VMP6TG Datasheet(PDF) 55 Page - STMicroelectronics

Part # M25PE16-VMP6TG
Description  16 Mbit, low-voltage, Page-Erasable Serial Flash memory with byte-alterability, 50 MHz SPI bus, standard pinout
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M25PE16-VMP6TG Datasheet(HTML) 55 Page - STMicroelectronics

Back Button M25PE16-VMP6TG Datasheet HTML 48Page - STMicroelectronics M25PE16-VMP6TG Datasheet HTML 49Page - STMicroelectronics M25PE16-VMP6TG Datasheet HTML 50Page - STMicroelectronics M25PE16-VMP6TG Datasheet HTML 51Page - STMicroelectronics M25PE16-VMP6TG Datasheet HTML 52Page - STMicroelectronics M25PE16-VMP6TG Datasheet HTML 53Page - STMicroelectronics M25PE16-VMP6TG Datasheet HTML 54Page - STMicroelectronics M25PE16-VMP6TG Datasheet HTML 55Page - STMicroelectronics M25PE16-VMP6TG Datasheet HTML 56Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 55 / 56 page
background image
M25PE16
Revision history
55/56
14
Revision history
Table 24.
Document revision history
Date
Revision
Changes
16-Feb-2006
0.1
Initial release.
07-Aug-2006
1
Figure 3: Bus Master and memory devices on the SPI Bus updated
and Note 2 added.
Section 4.8.1: Protocol-related protections clarified.
Address range for subsector 15 of sector 0 modified in Table 4:
Memory organization.
RESET signal behavior clarified in Section 6.5: Write Status Register
(WRSR), Section 6.9: Page Write (PW), Section 6.10: Page Program
(PP), Section 6.12: Page Erase (PE), Section 6.14: SubSector Erase
(SSE), Section 6.15: Bulk Erase (BE).
Section 8: Reset added to describe the device status after a RESET
Low pulse. Table Reset while a Read, Program or Erase cycle is in
progres replaced by Table 20: Timings after a RESET Low pulse
Table 19 split into two tables (see also Table 19). tBE typical value
updated. Small text changes.
13-Oct-2006
2
HPM2 specified in HPM1 and HPM2 paragraph. Small text changes.
Table 12: Device status after a RESET Low pulse modified.
VIO max. modified in Table 13: Absolute maximum ratings.
fR, tW, tPW, tPP and tSSE modified in Table 18: AC characteristics.
20-Nov-2006
3
TSL/W signal renamed as W, Top Sector Lock functionality removed,
HPM2 removed.
Paragraph added in Section 3: SPI modes. TLEAD added to Table 13:
Absolute maximum ratings. tTHSL and tSHTL timings removed from
Table 18: AC characteristics and Figure 26: Write Protect setup and
hold timing. SO8W package specifications updated (see Table 22
and Figure 30).
12-Apr-2007
4
Document status promoted from Preliminary Data to full Datasheet.
VCC supply voltage and VSS ground added. Figure 3: Bus Master
and memory devices on the SPI Bus updated, Note 2 removed and
replaced by an explanatory paragraph.
Behavior of WIP bit and Lock Registers specified at Power-up in
Section 7: Power-up and Power-down.
VFQFPN8 package specifications updated (see Figure 29 and
Table 21).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com