Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST1S06PUR Datasheet(PDF) 10 Page - STMicroelectronics

Part # ST1S06PUR
Description  Synchronous rectification with inhibit, 1.5A, 1.5 MHz fixed or adjustable, step-down switching regulator in DFN6 3x3
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1S06PUR Datasheet(HTML) 10 Page - STMicroelectronics

Back Button ST1S06PUR Datasheet HTML 6Page - STMicroelectronics ST1S06PUR Datasheet HTML 7Page - STMicroelectronics ST1S06PUR Datasheet HTML 8Page - STMicroelectronics ST1S06PUR Datasheet HTML 9Page - STMicroelectronics ST1S06PUR Datasheet HTML 10Page - STMicroelectronics ST1S06PUR Datasheet HTML 11Page - STMicroelectronics ST1S06PUR Datasheet HTML 12Page - STMicroelectronics ST1S06PUR Datasheet HTML 13Page - STMicroelectronics ST1S06PUR Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
Typical performance characteristics
ST1S06
10/19
Figure 9.
Voltage feedback vs temperature
Figure 10.
Input voltage vs output voltage
Figure 11.
Feedback pin bias current vs
temperature
Figure 12.
Quiescent current vs temperature
Figure 13.
Quiescent current vs temperature
Figure 14.
Inhibit voltage vs input voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com