Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CG8010 Datasheet(PDF) 2 Page - CHIP GOAL ELECTRONICS CORP

Part # CG8010
Description  POWER SUPPLY SUPERVISOR WITH PWM CONTROLLER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHIPGOAL [CHIP GOAL ELECTRONICS CORP]
Direct Link  http://www.chipgoal.com/
Logo CHIPGOAL - CHIP GOAL ELECTRONICS CORP

CG8010 Datasheet(HTML) 2 Page - CHIP GOAL ELECTRONICS CORP

  CG8010 Datasheet HTML 1Page - CHIP GOAL ELECTRONICS CORP CG8010 Datasheet HTML 2Page - CHIP GOAL ELECTRONICS CORP CG8010 Datasheet HTML 3Page - CHIP GOAL ELECTRONICS CORP CG8010 Datasheet HTML 4Page - CHIP GOAL ELECTRONICS CORP CG8010 Datasheet HTML 5Page - CHIP GOAL ELECTRONICS CORP CG8010 Datasheet HTML 6Page - CHIP GOAL ELECTRONICS CORP CG8010 Datasheet HTML 7Page - CHIP GOAL ELECTRONICS CORP CG8010 Datasheet HTML 8Page - CHIP GOAL ELECTRONICS CORP CG8010 Datasheet HTML 9Page - CHIP GOAL ELECTRONICS CORP  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
CG8010
POWER SUPPLY SUPERVISOR WITH PWM CONTROLLER
October 4, 2007 – Rev. 0.30
datasheet
YT
1
PIN CONFIGURATION (Top View)
The CG8010 is designed with a pulse-width-modulation control circuit and a
complete power supervisor for use in the switched mode power supply .
It contains various functions, like under voltage protection (UVP), over voltage
protection (OVP), power good output (PG) and ON/OFF control (REM).
UVP(Under voltage protection) function is for +3.3V, +5V, +12V outputs.
OVP(Over voltage protection) function is for +3.3V, +5V, +12V and PT is for
extra protection input.
PG(Power good signal) is a safe operation signal to inform the external parts.
REM(Remote on/off) is used to control the SMPS on/off. The REM control
signal has the on/off transferred debounce–time.
FEATURE
■ 3-channel under voltage protection (UVP)
■ 3-channel over voltage protection (OVP)
■ 1-channel extra protection (PT)
■ 1-channel sense input to control the PG (SEN)
■ Remote on/off control function (REM)
■ Dual output for push-pull operation (OP1/OP2)
■ Soft start capability by external capacitor (SS)
■ VCC under voltage lockout
■ 16-Pin dual in-line package
■ Pb-free Package are available
ORDERING INFORMATION
ORDER NUMBER
Package
Shipping
Top Marking
CG8010DX16
DIP-16 (Pb-free)
Tube
CG8010DX16
REFERENCE APPLICATION CIRCUIT
POS
NEG
COMP
VCC
SEN
PG
SS
REM
V33
V5
V12
PT
GND
RT
OP1
OP2
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com