Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP8012H Datasheet(PDF) 2 Page - Wuxi Chipown Micro-electronics limited

Part # AP8012H
Description  Low Standby-Power Off-line PWM converters
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHIPOWN [Wuxi Chipown Micro-electronics limited]
Direct Link  https://www.chipown.com.cn/en/index.html
Logo CHIPOWN - Wuxi Chipown Micro-electronics limited

AP8012H Datasheet(HTML) 2 Page - Wuxi Chipown Micro-electronics limited

  AP8012H Datasheet HTML 1Page - Wuxi Chipown Micro-electronics limited AP8012H Datasheet HTML 2Page - Wuxi Chipown Micro-electronics limited AP8012H Datasheet HTML 3Page - Wuxi Chipown Micro-electronics limited AP8012H Datasheet HTML 4Page - Wuxi Chipown Micro-electronics limited AP8012H Datasheet HTML 5Page - Wuxi Chipown Micro-electronics limited AP8012H Datasheet HTML 6Page - Wuxi Chipown Micro-electronics limited AP8012H Datasheet HTML 7Page - Wuxi Chipown Micro-electronics limited AP8012H Datasheet HTML 8Page - Wuxi Chipown Micro-electronics limited AP8012H Datasheet HTML 9Page - Wuxi Chipown Micro-electronics limited Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
AP8012H
13/F, Building C, Wangzhuang Technology Innovation Center, Longshan Road,New District, Wuxi Tel: +86(510)85217718 http://www.chipown.com Rev.A 1801 2 / 10
Pin Definitions
Table 1. Pin Definitions
SOP-8 Pin Number
DIP-8 Pin Number
Pin Name
Pin Function Description
1,2
1,2
GND
Ground
3
3
COMP
Voltage feedback. By connecting a opto-coupler to close the
control loop and achieve the regulation.
4
4
VDD
Positive Supply voltage Input.
-
5
NC
No connection
5,6,7,8
6,7,8
SW
The SW pin is designed to connect directly to the primary
lead of the transformer.
Typical power
Table 2. Typical power
Package
AC line Voltage
continuous power
(1)
Peak power
(2)
SOP-8
85-265 VAC
3.6W(12V300mA)
6W(12V500mA)
DIP-8
85-265 VAC
6W(12V500mA)
8.4W(12V700mA)
Note:
1.
Maximum output power in a semi enclosed design measured at 75°C ambient temperature, Duration:2 hours
2.
Peak power in a semi enclosed design measured at 75°C ambient temperature, Duration:1 min
Absolute Maximum Ratings
Supply voltage Pin VDD…………………………………………………………………………..…………..…….-0.3~45V
High-Voltage Pin, SW………………………………………………………………………………………………-0.3~750V
COMP……………………………………………………….………………..………………………....………….…-0.3~7V
Junction temperature ……………………………….…..….…..….……...….………………….…………..……….-40~150℃
Storage temperature………………………………………..….…..….…. ……….………………………………….-55~150℃
Lead Temperature (Soldering, 10secs) ……………………………………………………….........................……….…260℃
Package Thermal Resistance RθJC (SOP-8)……………………………………….…….............……………..…….…...80 /W
℃
Package Thermal Resistance RθJC (DIP-8)…………………………………………............……………...….………….40 /W
℃
Electrostatic Discharge Human Body Mode (HBM, ESDA/JEDEC JDS-001-2014)……………...………..…………... ±4kV
SD voltage Protection (1) (Air discharge to pins of AP8012H with ESD Generator)………....………..………………. ..8kV
Drain Pulse Current(Tpulse=100us)……………..……………………………………………………….………………2A
Note: 1. Enterprise internal standards, for reference only.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com