Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STGF8NC60KD Datasheet(PDF) 5 Page - STMicroelectronics

Part # STGF8NC60KD
Description  N-channel 600V - 4A - TO-220FP Short circuit rated PowerMESH™IGBT
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGF8NC60KD Datasheet(HTML) 5 Page - STMicroelectronics

  STGF8NC60KD Datasheet HTML 1Page - STMicroelectronics STGF8NC60KD Datasheet HTML 2Page - STMicroelectronics STGF8NC60KD Datasheet HTML 3Page - STMicroelectronics STGF8NC60KD Datasheet HTML 4Page - STMicroelectronics STGF8NC60KD Datasheet HTML 5Page - STMicroelectronics STGF8NC60KD Datasheet HTML 6Page - STMicroelectronics STGF8NC60KD Datasheet HTML 7Page - STMicroelectronics STGF8NC60KD Datasheet HTML 8Page - STMicroelectronics STGF8NC60KD Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
STGF8NC60KD
Electrical characteristics
5/14
Table 6.
Switching on/off (inductive load)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
td(on)
tr
(di/dt)on
Turn-on delay time
Current rise time
Turn-on current slope
VCC = 390V, IC = 3A
RG= 10Ω, VGE= 15V,
Tj= 25°C
(see Figure 19)
17
6
655
ns
ns
A/µs
td(on)
tr
(di/dt)on
Turn-on delay time
Current rise time
Turn-on current slope
VCC = 390V, IC =3A
RG= 10Ω, VGE= 15V,
Tj=125°C
(see Figure 19)
16.5
6.5
575
ns
ns
A/µs
tr(Voff)
td(off)
tf
Off voltage rise time
Turn-off delay time
Current fall time
Vcc = 390V, IC = 3A,
RGE = 10Ω, VGE =15V,
TJ=25°C
(see Figure 19)
33
72
82
ns
ns
ns
tr(Voff)
td(off)
tf
Off voltage rise time
Turn-off delay time
Current fall time
Vcc = 390V, IC = 3A,
RGE=10Ω, VGE =15V,
Tj=125°C
(see Figure 19)
60
106
136
ns
ns
ns
Table 7.
Switching energy (inductive load)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Eon
(1)
Eoff
(2)
Ets
1.
Eon is the turn-on losses when a typical diode is used in the test circuit in figure 2. If the IGBT is offered in
a package with a co-pak diode, the co-pack diode is used as external diode. IGBTs & Diode are at the
same temperature (25°C and 125°C)
2.
Turn-off losses include also the tail of the collector current
Turn-on switching losses
Turn-off switching losses
Total switching losses
VCC = 390V, IC = 3A
RG=10Ω, VGE=15V, Tj=25°C
(see Figure 19)
55
85
140
µJ
µJ
µJ
Eon
(1)
Eoff
(2)
Ets
Turn-on switching losses
Turn-off switching losses
Total switching losses
VCC = 390V, IC = 3A
RG=10Ω, VGE= 15V,
Tj= 125°C
(see Figure 19)
87
162
249
µJ
µJ
µJ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com