Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST1S06APUR Datasheet(PDF) 15 Page - STMicroelectronics

Part # ST1S06APUR
Description  Synchronous rectification with inhibit, 1.5A, 1.5 MHz fixed or adjustable, step-down switching regulator in DFN6 3x3
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1S06APUR Datasheet(HTML) 15 Page - STMicroelectronics

Back Button ST1S06APUR Datasheet HTML 11Page - STMicroelectronics ST1S06APUR Datasheet HTML 12Page - STMicroelectronics ST1S06APUR Datasheet HTML 13Page - STMicroelectronics ST1S06APUR Datasheet HTML 14Page - STMicroelectronics ST1S06APUR Datasheet HTML 15Page - STMicroelectronics ST1S06APUR Datasheet HTML 16Page - STMicroelectronics ST1S06APUR Datasheet HTML 17Page - STMicroelectronics ST1S06APUR Datasheet HTML 18Page - STMicroelectronics ST1S06APUR Datasheet HTML 19Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 15 / 19 page
background image
ST1S06
Package mechanical data
15/19
DIM.
mm.
inch.
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
A
0.80
1.00
0.031
0.039
A1
0
0.05
0.0
0.02
A2
0.65
0.75
0.026
0.030
A3
0.20
0.08
b
0.33
0.43
0.013
0.017
D2.90
3.00
3.10
0.114
0.118
0.122
D2
1.92
2.12
0.076
0.083
E2.90
3.00
3.10
0.114
0.118
0.122
E2
1.11
1.31
0.044
0.052
e0.95
0.037
L
0.20
0.45
0.008
0.018
L1
0.24
0.009
L2
0.13
0.005
K
0.20
0.008
DFN6 (3x3) MECHANICAL DATA
7387339A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com