Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74AC08 Datasheet(PDF) 1 Page - STMicroelectronics

Part # 74AC08
Description  QUAD 2-INPUT AND GATE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74AC08 Datasheet(HTML) 1 Page - STMicroelectronics

  74AC08 Datasheet HTML 1Page - STMicroelectronics 74AC08 Datasheet HTML 2Page - STMicroelectronics 74AC08 Datasheet HTML 3Page - STMicroelectronics 74AC08 Datasheet HTML 4Page - STMicroelectronics 74AC08 Datasheet HTML 5Page - STMicroelectronics 74AC08 Datasheet HTML 6Page - STMicroelectronics 74AC08 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
74AC08
QUAD 2-INPUT AND GATE
April 1997
s
HIGH SPEED: tPD = 4 ns (TYP.) at VCC =5V
s
LOW POWER DISSIPATION:
ICC =4
µA (MAX.) at TA =25 oC
s
HIGH NOISE IMMUNITY:
VNIH =VNIL = 28% VCC (MIN.)
s
50
Ω TRANSMISSION LINE DRIVING
CAPABILITY
s
SYMMETRICAL OUTPUT IMPEDANCE:
|IOH|= IOL =24 mA (MIN)
s
BALANCED PROPAGATION DELAYS:
tPLH
≅ tPHL
s
OPERATING VOLTAGE RANGE:
VCC (OPR) = 2V to 6V
s
PIN AND FUNCTION COMPATIBLE WITH
74 SERIES 08
s
IMPROVED LATCH-UP IMMUNITY
DESCRIPTION
The AC08 is an advanced high-speed CMOS
QUAD 2-INPUT AND GATE fabricated with
sub-micron silicon gate and double-layer metal
wiring C
2MOS technology. It is ideal for low
power
applications
mantaining
high
speed
operation similar to equivalent Bipolar Schottky
TTL.
The internal circuit is composed of 2 stages
including buffer output, which enables high noise
immunity and stable output.
All
inputs and
outputs
are
equipped with
protection circuits against static discharge, giving
them 2KV ESD immunity and transient excess
voltage.
PIN CONNECTION AND IEC LOGIC SYMBOLS
ORDER CODES :
74AC08B
74AC08M
M
(Micro Package)
B
(Plastic Package)
1/7


Similar Part No. - 74AC08

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74AC08 FAIRCHILD-74AC08 Datasheet
87Kb / 7P
Quad 2-Input AND Gate
logo
ON Semiconductor
74AC08 ONSEMI-74AC08 Datasheet
140Kb / 9P
Quad 2?묲nput AND Gate
October, 2006 ??Rev. 8
logo
Fairchild Semiconductor
74AC08 FAIRCHILD-74AC08 Datasheet
304Kb / 10P
Quad 2-Input AND Gate
logo
ON Semiconductor
74AC08 ONSEMI-74AC08 Datasheet
612Kb / 6P
Quad 2-Input AND Gate
November-2017, Rev.2
logo
STMicroelectronics
74AC08B STMICROELECTRONICS-74AC08B Datasheet
185Kb / 8P
QUAD 2-INPUT AND GATE
Apr-2001
More results

Similar Description - 74AC08

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SN54LS09 MOTOROLA-SN54LS09 Datasheet
44Kb / 2P
QUAD 2-INPUT AND GATE
logo
National Semiconductor ...
54F08DM NSC-54F08DM Datasheet
108Kb / 8P
Quad 2-Input AND Gate
logo
ON Semiconductor
MC74VHCT08A ONSEMI-MC74VHCT08A Datasheet
143Kb / 8P
Quad 2-Input AND Gate
1999 REV 0
logo
STMicroelectronics
M54HCT08 STMICROELECTRONICS-M54HCT08 Datasheet
231Kb / 9P
QUAD 2-INPUT AND GATE
Feb-1993
M74HC08 STMICROELECTRONICS-M74HC08 Datasheet
171Kb / 8P
QUAD 2-INPUT AND GATE
Jul-2001
logo
Toshiba Semiconductor
TC74VHC08F TOSHIBA-TC74VHC08F Datasheet
204Kb / 5P
QUAD 2-INPUT AND GATE
logo
Rohm
BU4081B ROHM-BU4081B Datasheet
50Kb / 4P
Quad 2-input AND gate
logo
Fairchild Semiconductor
74F08 FAIRCHILD-74F08_00 Datasheet
64Kb / 5P
Quad 2-Input AND Gate
logo
STMicroelectronics
74VHCT08A STMICROELECTRONICS-74VHCT08A_04 Datasheet
217Kb / 11P
QUAD 2-INPUT AND GATE
16-Dec-2004
logo
IK Semicon Co., Ltd
IN74VHCT08 IKSEMICON-IN74VHCT08 Datasheet
254Kb / 6P
Quad 2-Input AND Gate
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com