Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS2596CM Datasheet(PDF) 7 Page - Taiwan Semiconductor Company, Ltd

Part # TS2596CM
Description  3A / 150KHz Buck Dc-Dc Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS2596CM Datasheet(HTML) 7 Page - Taiwan Semiconductor Company, Ltd

  TS2596CM Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS2596CM Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS2596CM Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS2596CM Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS2596CM Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS2596CM Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS2596CM Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS2596CM Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
TS2596
3A / 150KHz Buck Dc-Dc Converter
7/8
Version: A07
TO-263-5L Mechanical Drawing
Marking Diagram
Y
= Year Code
M
= Month Code
(A=Jan, B=Feb, C=Mar, D=Apl, E=May, F=Jun, G=Jul, H=Aug, I=Sep,
J=Oct, K=Nov, L=Dec)
L
= Lot Code
XXX = Voltage Code
(3.3=3.3V, 5.0=5V)
= Package Code for Adjustable type
(CM5 = TO-263-5L)
TO-263-5L DIMENSION
MILLIMETERS
INCHES
DIM
MIN
MAX
MIN
MAX
A
10.220
10.260
0.402
0.404
B
14.600
15.870
0.575
0.625
C
0.750
0.770
0.030
0.030
D
1.573
1.827
0.062
0.072
E
4.560
4.570
0.179
0.180
F
1.240
1.270
0.049
0.050
G
2.280
2.790
0.090
0.110
H
0.280
0.320
0.011
0.013
I
8.240
8.280
0.324
0.326
J
1.540
1.800
0.060
0.071



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com