Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS2940 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TS2940
Description  1A Ultra Low Dropout Voltage Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS2940 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TS2940 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS2940 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS2940 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS2940 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS2940 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS2940 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS2940 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS2940 Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TS2940 Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
TS2940
1A Ultra Low Dropout Voltage Regulator
1/10
Version: A07
TO-220
TO-263
(D
2PAK)
TO-252
(DPAK)
SOT-223
General Description
The TS2940 series of fixed-voltage monolithic micro-power voltage regulators is designed for a wide range of
applications. This device excellent choice of use in battery-power application. Furthermore, the quiescent current
increases on slightly at dropout, which prolongs battery life.
This series of fixed-voltage regulators features low drop output voltage (Typ. 60mV at light load and 600mV at
800mA). This includes a tight initial tolerance of 2%, extremely good line regulation of 0.05% typ., and very low output
temperature coefficient.
Features
●
Dropout voltage typically 0.6V @ Io=800mA
●
Output current up to 1A
●
Output voltage trimmed before assembly
●
-18V Reverse peak voltage
●
+30V Input over voltage protection
●
+60V Transient peak voltage
●
Internal current limit
●
Thermal shutdown protection
Block Diagram
Ordering Information
Note: Where xx denotes voltage option, available are
50= 5.0V
33= 3.3V
25= 2.5V
18= 1.8V
Contact factory for additional voltage options.
Part No.
Package
Packing
TS2940CZxx C0
TO-220
50pcs / Tube
TS2940CMxx RN
TO-263
800pcs / 13” Reel
TS2940CPxx RO
TO-252
2.5Kpcs / 13” Reel
TS2940CWxx RP
SOT-223
2.5Kpcs / 13” Reel
Absolute Maximum Rating (Note 1)
Parameter
Symbol
Limit
Unit
Input Supply Voltage (Note 2)
VIN
-18 ~ +60
V
Input Supply Voltage
VOPR
26
V
Power Dissipation (Note 3)
PD
Internally Limited
W
Operating Junction Temperature Range
TJ
-40 ~ +125
oC
Storage Temperature Range
TSTG
-65 ~ +150
oC
Pin Definition:
1. Input
2. Ground
3. Output


Similar Part No. - TS2940

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS2940 TSC-TS2940 Datasheet
139Kb / 6P
1A Ultra Low Dropout Fixed Positive Voltage Regulator
TS2940CM TSC-TS2940CM Datasheet
139Kb / 6P
1A Ultra Low Dropout Fixed Positive Voltage Regulator
TS2940CM1.8 TSC-TS2940CM1.8 Datasheet
139Kb / 6P
1A Ultra Low Dropout Fixed Positive Voltage Regulator
TS2940CM18 TSC-TS2940CM18 Datasheet
139Kb / 6P
1A Ultra Low Dropout Fixed Positive Voltage Regulator
TS2940CM2.5 TSC-TS2940CM2.5 Datasheet
139Kb / 6P
1A Ultra Low Dropout Fixed Positive Voltage Regulator
More results

Similar Description - TS2940

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS178R00 TSC-TS178R00 Datasheet
184Kb / 5P
1A Ultra Low Dropout Voltage Regulator w/Disable
TS2940 TSC-TS2940 Datasheet
139Kb / 6P
1A Ultra Low Dropout Fixed Positive Voltage Regulator
logo
Acutechnology Semicondu...
AQ112 ACUTECH-AQ112 Datasheet
618Kb / 10P
Ultra-Low Dropout 1A Voltage Regulator
Revision 1.6 September 13, 2006
logo
Taiwan Semiconductor Co...
TS2940 TSC-TS2940_08 Datasheet
579Kb / 10P
1A Ultra Low Dropout Voltage Regulator
TS39100 TSC-TS39100_08 Datasheet
347Kb / 7P
1A Ultra Low Dropout Voltage Regulator
TS39100 TSC-TS39100_12 Datasheet
140Kb / 7P
1A Ultra Low Dropout Voltage Regulator
logo
ACE Technology Co., LTD...
ACE518C ACE-ACE518C Datasheet
407Kb / 8P
1A Ultra-Low Vin Low Dropout Voltage Linear Regulator
VER 1.1
logo
SHANGHAI BELLING CO., L...
BL8073 BELLING-BL8073 Datasheet
995Kb / 5P
1A Ultra-Low Vin Low Dropout Voltage Linear Regulator
logo
Fitipower Integrated Te...
FP6153 FITIPOWER-FP6153 Datasheet
364Kb / 7P
1A Ultra Low Dropout Regulator
logo
AiT Semiconductor Inc.
A6110B AITSEMI-A6110B Datasheet
705Kb / 8P
LOW DROPOUT VOLTAGE REGULATOR 1A ULTRA-LOW VIN
REV1.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com