Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS39300CZ Datasheet(PDF) 7 Page - Taiwan Semiconductor Company, Ltd

Part # TS39300CZ
Description  3A Ultra Low Dropout Voltage Regulator with Multi-Function
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS39300CZ Datasheet(HTML) 7 Page - Taiwan Semiconductor Company, Ltd

Back Button TS39300CZ Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS39300CZ Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS39300CZ Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS39300CZ Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS39300CZ Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS39300CZ Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TS39300CZ Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd TS39300CZ Datasheet HTML 10Page - Taiwan Semiconductor Company, Ltd TS39300CZ Datasheet HTML 11Page - Taiwan Semiconductor Company, Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
TS39300/1/2/3/4
3A Ultra Low Dropout Voltage Regulator
with Multi-Function
7/12
Version: A07
Application Information (Continue)
Thermal Characteristics
TS39300/1/2/3/4 linear regulators are simple to use, the most complicated design parameters to consider are
thermal characteristics, thermal design requires the following application specification parameters:
Maximum ambient temperature, TA
Output current, IOUT
Output voltage, VOUT
Input voltage, VIN
Calculate the power dissipation of the regulator from these numbers and the device parameters from this datasheet,
where the ground current is taken from data sheet.
PD = (VIN – VOUT) x IOUT + VIN x IGND
The heat sink thermal resistance is determined by:
ӨSA = (TJ(MAX) – TA) / PD – (ӨJC + ӨCS)
Where
TJ(MAX) ≤ 125oC and ӨCS is between 0oC and 2oC/W. The heat sink may by significantly reduced in
applications where the minimum input voltage is know and is large compared with the dropout voltage and distribute
the heat between this resistor and the regulator. The low dropout properties of vertical PNP regulators allow
significant reductions in regulator power dissipation and the associated heat sink without compromising performance.
When this technique is employed, a capacitor of at least 1uF is needed directly between the input and regulator
ground.
Typical Application Circuit
2.5V/3A Regulator
2.5V/3A Regulator with Error Flag



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com