Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STTH4R02U Datasheet(PDF) 1 Page - STMicroelectronics

Part # STTH4R02U
Description  Ultrafast recovery diode
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH4R02U Datasheet(HTML) 1 Page - STMicroelectronics

  STTH4R02U Datasheet HTML 1Page - STMicroelectronics STTH4R02U Datasheet HTML 2Page - STMicroelectronics STTH4R02U Datasheet HTML 3Page - STMicroelectronics STTH4R02U Datasheet HTML 4Page - STMicroelectronics STTH4R02U Datasheet HTML 5Page - STMicroelectronics STTH4R02U Datasheet HTML 6Page - STMicroelectronics STTH4R02U Datasheet HTML 7Page - STMicroelectronics STTH4R02U Datasheet HTML 8Page - STMicroelectronics STTH4R02U Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
October 2006
Rev 2
1/13
13
STTH4R02
Ultrafast recovery diode
Main product characteristics
Features and benefits
Very low conduction losses
Negligible switching losses
Low forward and reverse recovery times
High junction temperature
Description
The STTH4R02 uses ST's new 200 V planar Pt
doping technology, and it is specially suited for
switching mode base drive and transistor circuits.
Packaged in TO-220AC, TO-220FPAC, DPAK,
SMB, SMC, and DO-201AB, this device is
intended for use in low voltage, high frequency
inverters, free wheeling and polarity protection.
Order codes
IF(AV)
4 A
VRRM
200 V
Tj (max)
175° C
VF (typ)
0.76 V
trr (typ)
16 ns
Part Number
Marking
STTH4R02D
STTH4R02
STTH4R02FP
STTH4R02
STTH4R02B
STTH4R02
STTH4R02B-TR
STTH4R02
STTH4R02U
4R2U
STTH4R02
STTH4R02
STTH4R02RL
STTH4R02
STTH4R02S
4R2S
K
K
K
K
K
K
K
NC
K
A
A
A
A
A
A
A
TO-220AC
STTH4R02D
TO-220FPAC
STTH4R02FP
DPAK
STTH4R02B
SMB
STTH4R02U
SMC
STTH4R02S
DO-201AB
STTH4R02
www.st.com


Similar Part No. - STTH4R02U

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH4R02UY STMICROELECTRONICS-STTH4R02UY Datasheet
114Kb / 9P
Automotive ultrafast recovery diode
03-Dec-2010
STTH4R02UY STMICROELECTRONICS-STTH4R02UY Datasheet
449Kb / 14P
Automotive ultrafast recovery diode
14-Apr-2016
More results

Similar Description - STTH4R02U

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH3R02 STMICROELECTRONICS-STTH3R02 Datasheet
116Kb / 9P
Ultrafast recovery diode
10-Oct-2006
STTH8R04 STMICROELECTRONICS-STTH8R04 Datasheet
157Kb / 11P
Ultrafast recovery diode
11-Mar-2007
logo
Sanken electric
FMXA-2102ST SANKEN-FMXA-2102ST Datasheet
266Kb / 8P
Ultrafast Recovery Diode
FMXA-2153S SANKEN-FMXA-2153S Datasheet
302Kb / 8P
Ultrafast Recovery Diode
FMXA-1106S SANKEN-FMXA-1106S Datasheet
405Kb / 8P
Ultrafast Recovery Diode
FMXA-2102ST SANKEN-FMXA-2102ST Datasheet
266Kb / 8P
Ultrafast Recovery Diode
MPL-1036S SANKEN-MPL-1036S Datasheet
247Kb / 5P
Ultrafast Recovery Diode
logo
Inchange Semiconductor ...
DPG60C400HB ISC-DPG60C400HB Datasheet
286Kb / 2P
Ultrafast Recovery Diode
DSEP60-12A ISC-DSEP60-12A Datasheet
429Kb / 2P
Ultrafast Recovery Diode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com