Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WSLP3921 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # WSLP3921
Description  Power Metal Strip® Resistors, Very High Power (to 15 W), Low Value (Down to 0.0001 Ω), Surface-Mount
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

WSLP3921 Datasheet(HTML) 3 Page - Vishay Siliconix

  WSLP3921 Datasheet HTML 1Page - Vishay Siliconix WSLP3921 Datasheet HTML 2Page - Vishay Siliconix WSLP3921 Datasheet HTML 3Page - Vishay Siliconix WSLP3921 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
WSLP3921, WSLP5931
www.vishay.com
Vishay Dale
Revision: 12-Oct-2020
3
Document Number: 30176
For technical questions, contact: ww2bresistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
DERATING - AMBIENT TEMPERATURE
DERATING - TERMINAL TEMPERATURE
PULSE CAPABILITY
www.vishay.com/resistors/power-metal-strip-calculator
Note
•Contact ww2bresistors@vishay.com for application specific performance requirements. Typical performance is better than stated test limits
Notes
• Embossed carrier tape per EIA-481
(1) Additional packaging details at www.vishay.com/doc?20051
10
100
1000
10000
0
20
40
60
80
100
120
-65-55 -25
0
25 50
100 125 150 170
Ambient Temperature (°C)
70
10
100
1000
10000
0
20
40
60
80
100
120
0
20406080 100 120 140 160 180
T
K - Terminal Temperature (°C)
Stability < 1.0 %
Stability < 0.5 %
PERFORMANCE
TEST
CONDITIONS OF TEST
TEST LIMITS
Thermal shock
-55 °C to +150 °C, 1000 cycles, 15 min at each extreme
± 1.0 %
Short time overload
Refer to link for short time overload performance and pulse capability;
www.vishay.com/resistors/power-metal-strip-calculator/
± 0.5 %
Low temperature operation
-65 °C for 24 h
± 0.5 %
High temperature storage
1000 h at +170 °C
± 1.0 %
Bias humidity
+85 °C, 85 % RH, 10 % bias, 1000 h
± 0.5 %
Mechanical shock
100 g’s for 6 ms, 5 pulses
± 0.5 %
Vibration
Frequency varied 10 Hz to 2000 Hz in 1 min, 3 directions, 12 h
± 0.5 %
Load life at 70 °C
1000 h, 1.5 h “ON”, 0.5 h “OFF”
± 1.0 %
Resistance to solder heat
3 x at 250 °C ± 5 °C for 30 s ± 5 s
± 0.5 %
Moisture resistance
MIL-STD-202, method 106, 0 % power, 7b not required
± 1.0 %
PACKAGING
MODEL
REEL
TAPE WIDTH
DIAMETER
PIECES/REEL
CODE
WSLP3921
16 mm / embossed plastic
330 mm / 13"
3000
EA
WSLP5931
24 mm / embossed plastic
330 mm / 13"
1500
EA
IIL
LL
LU
ST
RA
T
A
A
IV
E
PU
R
RP
PO
SE
ES
S
O
ON
LY
Y
L
L
L
L
click to get started



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com