Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OM01 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # OM01
Description  Superior precision and motion tracking by new optical navigation technology
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

OM01 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

  OM01 Datasheet HTML 1Page - List of Unclassifed Manufacturers OM01 Datasheet HTML 2Page - List of Unclassifed Manufacturers OM01 Datasheet HTML 3Page - List of Unclassifed Manufacturers OM01 Datasheet HTML 4Page - List of Unclassifed Manufacturers OM01 Datasheet HTML 5Page - List of Unclassifed Manufacturers OM01 Datasheet HTML 6Page - List of Unclassifed Manufacturers OM01 Datasheet HTML 7Page - List of Unclassifed Manufacturers OM01 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
OM02
Optical Sensor
This specification may change without further notice.
7
(Revision Date: 2004/2/10)
6-2. Application type 2 (Compatible with Agilent® ADNS-2051)
(where Rosc is 51KΩ; R3 open for 400dpi, short for virtual 800dpi; LED-2 is for shining only)
LED BIN
K/L/M/N/P
Q
R
S
T
U
R2 Value (KΩ)
8.2 ~ 12
8.2 ~ 15
8.2 ~ 18
8.2 ~ 22
8.2 ~ 27
8.2 ~ 33
EFT Level
Rp
Ru
Cosc
C1 & C3
C2
C0 & C4
Cp
Cu
3.0KV Class A
10Ω
10uF
1.2KV Class B
10Ω
1nF
0.1uF
Don’t Care
(1.2KV Class C)
Short
Short
Open
Open
100uF
Open
10uF
22uF
Elan EM 84510F
(PS/2 M ouse Controller)
1
L
M
R
OSC.OUT
VSS
VDD
11
10
9
2
CLK
DATA
51K
Ω
OSCR
Cp
OPT
Z2
Z1
3
4
7
5
6
16
8
X1
X2
Y2
Y1
15
14
12
13
Surface Texture
Lens
13
7
8
6
9
10
12
ROSCA
11
ROSCB
REFA
REFB
GND
GND
XY_LED
0.1uF
4.7uF
VDD
1
16
TCLK
TIO
15
PD
2
3
4
5
14 RBIN
R2
X1
X2
Y2
Y1
Rosc
OM 02
Optical M ouse Sensor
Panasonic EVQ
Series Encocder
Hight Light
LED
Rp
LED-2
R
Cosc
C4
C3
C3 and C4 direct connect to
M CU pin #1 and #8
C1 and C2 direct connect to
sensor pin #12 and #13
C2
C1
PS/2 Connector
1
2
4
3
56
DATA
4
3
5
1
CLK
VDD
VSS
C0
Surface Texture
Lens
High Light
LED
7
8
6
9
10
12
ROSCA
11
ROSCB
REFA
REFB
GND
GND
XY_LED
0.1uF
4.7uF
C1
C2
2
3
4
5
1
16
15
RBIN
TCLK
TIO
PD
X
2
X
1
Y
1
Y
2
13
V
DD
Rosc
OM 02
Optical M ouse Sensor
R2
14
2N3904
Elan eKM 8022A
USB & PS/2 M ouse Controller
X
2
X
1
Y
1
Y
2
17
14
5
18
16
15
1
VSS
7
L
R
M
Z1
Z2
1.5KΩ
IR _C
2
9 OSCI
OSCO
10
30PF
30PF
6MHz
D_SEL
6
R3
V
DD
V
3.3V
8
13
12 D-
D+
11
4.7uF
Panasonic EVQ
Series Encocder
3
4
LED-2
R
C1 and C2 direct connect to
sensor pin #12 and #13
C4
C3
C3 and C4 direct connect to
M CU pin #7 and #11
Cosc
4
5
1
3
D+
D-
VDD
VSS
USB
C0
Shield
Ru
Cu



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com