Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LL914B Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # LL914B
Description  500mW Hermetically Sealed Glass Fast Switching Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

LL914B Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  LL914B Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd LL914B Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Pb
RoHS
COMPLIANCE
RoHS
COMPLIANCE
LL4448 /LL4148/LL914B
500mW Hermetically Sealed Glass Fast
Switching Diodes
MINI MELF
Features
Fast switching device (TRR< 4.0nS)
LL-34( Mini-MELF) package
Surface device type mounting
Hermetically sealed glass
Compression bonded construction
All external surfaces are corrosion
resistant and terminals are readily
solderable
RoHS compliant
Matte Tin (Sn) lead finish
Blue color band indicates negative
polarity
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics
Rating at 25
oCambient temperature unless otherwise specified.
Maximum Ratings
Type Number
Symbol
Value
Units
Power Dissipation
Pd
500
mW
Working Inverse Voltage
WIV
75
V
Non-repetitive Peak Forward Current
IFM
450
mA
Average Rectified Current
Io
150
mA
Peak Forward Surge Current
IFSURGE
2
A
Operating Junction Temperature
TJ
175
OC
Storage Temperature Range
TSTG
-65 to + 200
OC
Electrical Characteristics
Type Number
Symbol
Min
Max
Units
Breakdown Voltage
IR=100uA
IR=5uA
BV
100
75
V
Forward Voltage
LL4448, LL914B
IF=5.0mA
LL4148
IF= 10mA
LL4448, LL914B
IF =100mA
VF
0.62
-
0.72
1.0
1.0
V
Reverse Leakage Current
VR=20V
VR=75V
IR
25
5
nA
uA
Junction Capacitance
VR=0, f=1.0MHz
Cj
-
4.0
pF
Reverse Recovery Time (Note 1)
trr
-
4.0
nS
Notes: 1. Reverse Recovery Test Conditions: IF=10mA, VR=6V, RL=100Ω, IRR=1mA
Version: B07


Similar Part No. - LL914B

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
LL914B TSC-LL914B Datasheet
104Kb / 2P
500mW High Speed SMD Switching Diode
LL914B TSC-LL914B Datasheet
330Kb / 3P
500mW High Speed SMD Switching Diode
logo
Yea Shin Technology Co....
LL914B YEASHIN-LL914B Datasheet
801Kb / 3P
500 mW LL-34 Hermetically Sealed Glass Fast Switching Diodes
LL914B YEASHIN-LL914B Datasheet
801Kb / 3P
500 mW LL-34 Hermetically Sealed Glass Fast Switching Diodes
logo
SUNMATE electronic Co.,...
LL914B SUNMATE-LL914B Datasheet
972Kb / 2P
SURFACE MOUNT FAST SWITCHING DIODE
More results

Similar Description - LL914B

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
LL4448 TSC-LL4448 Datasheet
44Kb / 1P
500mW Hermetically Sealed Glass Fast Switching Diodes
LS4448 TSC-LS4448 Datasheet
91Kb / 2P
500mW Hermetically Sealed Glass Fast Switching Diodes
BAV100 TSC-BAV100 Datasheet
94Kb / 2P
500mW Hermetically Sealed Glass High Voltage Switching Diodes
LL4148L TSC-LL4148L Datasheet
911Kb / 3P
500mW Hermetically Sealed Glass Fast Switching Diodes
logo
SeCoS Halbleitertechnol...
LS4448 SECOS-LS4448 Datasheet
93Kb / 1P
Hermetically Sealed Glass Fast Switching Diodes
logo
Tak Cheong Electronics ...
TCLS4148 TAK_CHEONG-TCLS4148 Datasheet
90Kb / 3P
500mW QUADRO Mini-MELF Hermetically Sealed Glass Fast Switching Diodes
logo
SeCoS Halbleitertechnol...
LS4448 SECOS-LS4448_15 Datasheet
231Kb / 2P
Hermetically Sealed Glass Fast Switching Diodes
logo
Taiwan Semiconductor Co...
LL4148L TSC-LL4148L_15 Datasheet
223Kb / 5P
500mW Hermetically Sealed Glass Fast Switching Diodes
logo
Guangdong Juxing Electr...
LL4148 JUXING-LL4148 Datasheet
548Kb / 2P
500mW Hermetically Sealed Glass Fast Switching Diodes
logo
SeCoS Halbleitertechnol...
LL4148 SECOS-LL4148_18 Datasheet
182Kb / 2P
Hermetically Sealed Glass Fast Switching Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com