Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA2132UA/2K5 Datasheet(PDF) 1 Page - Texas Instruments

Part # INA2132UA/2K5
Description  Dual, Low Power, Single-Supply DIFFERENCE AMPLIFIER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA2132UA/2K5 Datasheet(HTML) 1 Page - Texas Instruments

  INA2132UA/2K5 Datasheet HTML 1Page - Texas Instruments INA2132UA/2K5 Datasheet HTML 2Page - Texas Instruments INA2132UA/2K5 Datasheet HTML 3Page - Texas Instruments INA2132UA/2K5 Datasheet HTML 4Page - Texas Instruments INA2132UA/2K5 Datasheet HTML 5Page - Texas Instruments INA2132UA/2K5 Datasheet HTML 6Page - Texas Instruments INA2132UA/2K5 Datasheet HTML 7Page - Texas Instruments INA2132UA/2K5 Datasheet HTML 8Page - Texas Instruments INA2132UA/2K5 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
Dual, Low Power, Single-Supply
DIFFERENCE AMPLIFIER
©1998 Burr-Brown Corporation
PDS-1488A
Printed in U.S.A. December, 1998
®
FEATURES
q DESIGNED FOR LOW COST
q LOW QUIESCENT CURRENT:
160
µA per Amplifier
q WIDE POWER SUPPLY RANGE:
Single Supply: 2.7V to 36V
Dual Supplies:
±1.35V to ±18V
q LOW GAIN ERROR:
±0.05% max
q LOW NONLINEARITY: 0.001% max
q HIGH CMRR: 90dB
q HIGHLY VERSATILE CIRCUIT
q EASY TO USE
q SO-14 PACKAGE
INA2132
DESCRIPTION
The INA2132 is a dual low power, unity-gain differ-
ence amplifier offering excellent value at very low
cost. Each channel consists of a precision op amp with
a laser-trimmed precision resistor network, providing
accurate gain and high common-mode rejection. Ex-
cellent TCR tracking of the resistors maintains gain
accuracy and common-mode rejection over tempera-
ture. The internal op amp’s common-mode range
extends to the negative supply—ideal for single-sup-
ply applications.
The difference amplifier is the foundation of many
commonly used circuits. The INA2132 provides this
circuit function without using an expensive precision
resistor network. The INA2132 is available in the
SO-14 surface-mount package and is specified for
operation over the extended industrial temperature
range, –40
°C to +85°C.
A single version of this product with similar specifi-
cations is also available. See the INA132 data sheet
for details.
APPLICATIONS
q DIFFERENTIAL INPUT AMPLIFIER
q INSTRUMENTATION AMPLIFIER
BUILDING BLOCK
q UNITY-GAIN INVERTING AMPLIFIER
q G = 1/2 AMPLIFIER
q G = 2 AMPLIFIER
q SUMMING AMPLIFIER
q DIFFERENTIAL CURRENT RECEIVER
q VOLTAGE-CONTROLLED CURRENT SOURCE
q BATTERY-POWERED SYSTEMS
q GROUND LOOP ELIMINATOR
International Airport Industrial Park • Mailing Address: PO Box 11400, Tucson, AZ 85734 • Street Address: 6730 S. Tucson Blvd., Tucson, AZ 85706 • Tel: (520) 746-1111
Twx: 910-952-1111 • Internet: http://www.burr-brown.com/ • Cable: BBRCORP • Telex: 066-6491 • FAX: (520) 889-1510 • Immediate Product Info: (800) 548-6132
Sense A
INA2132
Out A
V+
Ref A
–In A
+In A
12
13
14
2
11
V–
4
3
40k
Ω
40k
Ω
40k
Ω
40k
Ω
40k
Ω
40k
Ω
40k
Ω
40k
Ω
B
A
Sense B
Out B
Ref B
–In B
+In B
10
9
8
6
5
INA2132
SBOS108


Similar Part No. - INA2132UA/2K5

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA2132UA/2K5 TI1-INA2132UA/2K5 Datasheet
839Kb / 17P
Dual, Low Power, Single-Supply DIFFERENCE AMPLIFIER
INA2132UA/2K5E4 TI1-INA2132UA/2K5E4 Datasheet
839Kb / 17P
Dual, Low Power, Single-Supply DIFFERENCE AMPLIFIER
INA2132UA/2K5G4 TI1-INA2132UA/2K5G4 Datasheet
839Kb / 17P
Dual, Low Power, Single-Supply DIFFERENCE AMPLIFIER
More results

Similar Description - INA2132UA/2K5

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA132 BURR-BROWN-INA132 Datasheet
180Kb / 9P
Low Power, Single-Supply DIFFERENCE AMPLIFIER
INA2132 BURR-BROWN-INA2132 Datasheet
228Kb / 10P
Dual, Low Power, Single-Supply DIFFERENCE AMPLIFIER
logo
Linear Technology
LT6552 LINER-LT6552 Datasheet
350Kb / 16P
3.3V Single Supply Video Difference Amplifier
logo
Burr-Brown (TI)
INA152 BURR-BROWN-INA152 Datasheet
243Kb / 15P
Single-Supply DIFFERENCE AMPLIFIER
logo
Texas Instruments
INA132U TI1-INA132U Datasheet
320Kb / 13P
Low Power, Single-Supply DIFFERENCE AMPLIFIER
INA132U2K5E4 TI1-INA132U2K5E4 Datasheet
339Kb / 13P
Low Power, Single-Supply DIFFERENCE AMPLIFIER
logo
Linear Technology
LT6552 LINER-LT6552_15 Datasheet
360Kb / 16P
3.3V Single Supply Video Difference Amplifier
logo
Texas Instruments
INA2132 TI1-INA2132 Datasheet
839Kb / 17P
Dual, Low Power, Single-Supply DIFFERENCE AMPLIFIER
INA132 TI1-INA132 Datasheet
339Kb / 13P
Low Power, Single-Supply DIFFERENCE AMPLIFIER
INA152 TI1-INA152 Datasheet
792Kb / 18P
Single-Supply DIFFERENCE AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com