Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA143UA/2K5 Datasheet(PDF) 1 Page - Texas Instruments

Part # INA143UA/2K5
Description  High-Speed, Precision, G = 10 or G = 0.1 DIFFERENCE AMPLIFIERS
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA143UA/2K5 Datasheet(HTML) 1 Page - Texas Instruments

  INA143UA/2K5 Datasheet HTML 1Page - Texas Instruments INA143UA/2K5 Datasheet HTML 2Page - Texas Instruments INA143UA/2K5 Datasheet HTML 3Page - Texas Instruments INA143UA/2K5 Datasheet HTML 4Page - Texas Instruments INA143UA/2K5 Datasheet HTML 5Page - Texas Instruments INA143UA/2K5 Datasheet HTML 6Page - Texas Instruments INA143UA/2K5 Datasheet HTML 7Page - Texas Instruments INA143UA/2K5 Datasheet HTML 8Page - Texas Instruments INA143UA/2K5 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
©1999 Burr-Brown Corporation
PDS-1531A
Printed in U.S.A. June, 1999
®
FEATURES
q DESIGNED FOR LOW COST
q G = 10V/V or G = 0.1V/V
q SINGLE, DUAL VERSIONS
q LOW OFFSET VOLTAGE:
±250µV max, ±3µV/°C max
q LOW GAIN ERROR: 0.01%
q HIGH SLEW RATE: 5V/
µs
q FAST SETTLING TIME: 9
µs to 0.01%
q LOW QUIESCENT CURRENT: 950
µA
q WIDE SUPPLY RANGE:
±2.25V to ±18V
q SO-8 and SO-14 PACKAGES
APPLICATIONS
q DIFFERENTIAL INPUT AMPLIFIER
BUILDING BLOCK
q DIFF IN/DIFF OUT AMPLIFIER
q GAIN = –10 INVERTING AMPLIFIER
q GAIN = +10 NON-INVERTING AMPLIFIER
q GAIN = +11 NON-INVERTING AMPLIFIER
q SYNCHRONOUS DEMODULATOR
q CURRENT/DIFFERENTIAL LINE RECEIVER
q VOLTAGE-CONTROLLED CURRENT SOURCE
q BATTERY POWERED SYSTEMS
q LOW COST AUTOMOTIVE
DESCRIPTION
The INA143 and INA2143 are high slew rate, gain of
10V/V or 0.1V/V difference amplifiers consisting of a
precision op amp with a precision resistor network. The
on-chip resistors are laser trimmed for accurate gain and
high common-mode rejection. Excellent TCR tracking
of the resistor maintains gain accuracy and common-
mode rejection over temperature. They operate over a
wide supply range,
±2.25V to ±18V (+4.5V to +36V
single supply), and input common-mode voltage range
extends beyond the positive and negative supply rails.
INA143
INA2143
High-Speed, Precision, G = 10 or G = 0.1
DIFFERENCE AMPLIFIERS
International Airport Industrial Park • Mailing Address: PO Box 11400, Tucson, AZ 85734 • Street Address: 6730 S. Tucson Blvd., Tucson, AZ 85706 • Tel: (520) 746-1111
Twx: 910-952-1111 • Internet: http://www.burr-brown.com/ • Cable: BBRCORP • Telex: 066-6491 • FAX: (520) 889-1510 • Immediate Product Info: (800) 548-6132
The differential amplifier is the foundation of many
commonly used circuits. The low cost INA143 and
INA2143 provide this precision circuit function without
using an expensive precision network.
The single version, INA143, package is the SO-8 surface
mount. The dual version, INA2143, package is the SO-14
surface mount. Both are specified for operation over the
extended industrial temperature range, –40
°C to +85°C.
Operation is from –55
°C to +125°C.
10k
Ω
100k
Ω
Sense
INA143
Output
V+
Ref
–In
+In
5
6
1
2
7
V–
4
3
10k
Ω
100k
Ω
Sense A
INA2143
Out A
V+
Ref A
–In A
+In A
12
13
14
2
11
V–
4
3
10k
Ω
100k
Ω
10k
Ω
100k
Ω
10k
Ω
100k
Ω
10k
Ω
100k
Ω
B
A
Sense B
Out B
Ref B
–In B
+In B
10
9
8
6
5
INA143
INA2143
For most current data sheet and other product
information, visit www.burr-brown.com
SBOS116


Similar Part No. - INA143UA/2K5

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA143UA/2K5 TI1-INA143UA/2K5 Datasheet
331Kb / 15P
DIFFERENCE AMPLIFIERS
INA143UA/2K5E4 TI1-INA143UA/2K5E4 Datasheet
331Kb / 15P
DIFFERENCE AMPLIFIERS
More results

Similar Description - INA143UA/2K5

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA133 BURR-BROWN-INA133 Datasheet
190Kb / 15P
High-Speed, Precision DIFFERENCE AMPLIFIERS
INA143 BURR-BROWN-INA143 Datasheet
145Kb / 10P
High-Speed, Precision, G = 10 or G = 0.1 DIFFERENCE AMPLIFIERS
INA154 BURR-BROWN-INA154 Datasheet
85Kb / 9P
High-Speed, Precision DIFFERENCE AMPLIFIER G = 1
INA157 BURR-BROWN-INA157 Datasheet
80Kb / 8P
High-Speed, Precision DIFFERENCE AMPLIFIER
INA2143 BURR-BROWN-INA2143 Datasheet
152Kb / 12P
High-Speed, Precision, G = 10 or G = 0.1 DIFFERENCE AMPLIFIERS
INA133 BURR-BROWN-INA133_07 Datasheet
245Kb / 18P
High-Speed, Precision DIFFERENCE AMPLIFIERS
logo
Texas Instruments
INA2133UAE4 TI-INA2133UAE4 Datasheet
376Kb / 20P
High-Speed, Precision DIFFERENCE AMPLIFIERS
INA157UA-2K5 TI1-INA157UA-2K5 Datasheet
288Kb / 12P
High-Speed, Precision DIFFERENCE AMPLIFIER
INA154 TI1-INA154 Datasheet
291Kb / 13P
High-Speed, Precision DIFFERENCE AMPLIFIER (G = 1)
INA157 TI1-INA157 Datasheet
288Kb / 12P
High-Speed, Precision DIFFERENCE AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com