Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA322EA/2K5.B Datasheet(PDF) 12 Page - Texas Instruments

Part # INA322EA/2K5.B
Description  microPower, Single-Supply, CMOS INSTRUMENTATION AMPLIFIER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA322EA/2K5.B Datasheet(HTML) 12 Page - Texas Instruments

Back Button INA322EA/2K5.B Datasheet HTML 8Page - Texas Instruments INA322EA/2K5.B Datasheet HTML 9Page - Texas Instruments INA322EA/2K5.B Datasheet HTML 10Page - Texas Instruments INA322EA/2K5.B Datasheet HTML 11Page - Texas Instruments INA322EA/2K5.B Datasheet HTML 12Page - Texas Instruments INA322EA/2K5.B Datasheet HTML 13Page - Texas Instruments INA322EA/2K5.B Datasheet HTML 14Page - Texas Instruments INA322EA/2K5.B Datasheet HTML 15Page - Texas Instruments INA322EA/2K5.B Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
INA322
12
SBOS174B
OFFSET VOLTAGE ERROR CALCULATION
The offset voltage (VOS) of the INA322EA has a specified
maximum of 10mV with a +5V power supply and the
common-mode voltage at VS/2. Additional specifications
for power-supply rejection and common-mode rejection are
provided to allow the user to easily calculate worst-case
expected offset under the conditions of a given application.
Power Supply Rejection Ratio (PSRR) is specified in
µV/V.
For the INA322, worst case PSRR is 250
µV/V, which
means for each volt of change in power supply, the offset
may shift up to 250
µV. Common-Mode Rejection Ratio
(CMRR) is specified in dB, which can be converted to
µV/V using the following equation:
CMRR (in
µV/V) = 10[(CMRR in dB)/–20] • 106
For the INA322, the worst case CMRR over the specified
common-mode range is 60dB (at G = 25) or about
1mV/V This means that for every volt of change in com-
mon-mode, the offset will shift less than 1mV.
These numbers can be used to calculate excursions from the
specified offset voltage under different application condi-
tions. For example, an application might configure the
amplifier with a 3.3V supply with 1V common-mode. This
configuration varies from the specified configuration, repre-
senting a 1.7V variation in power supply (5V in the offset
specification versus 3.3V in the application) and a 0.65V
variation in common-mode voltage from the specified
VS/2.
Calculation of the worst-case expected offset would be as
follows:
Adjusted VOS = Maximum specified VOS +
(power-supply variation) • PSRR +
(common-mode variation) • CMRR
VOS = 10mV + (1.7V • 0.250mV/V) + (0.65V • 1mV/V)
=
±11.075mV
However, the typical value will be closer to 2.2mV (calcu-
lated using the typical values).
FEEDBACK CAPACITOR IMPROVES RESPONSE
For optimum settling time and stability with high-imped-
ance feedback networks, it may be necessary to add a
feedback capacitor across the feedback resistor, RF, as shown
in Figure 8. This capacitor compensates for the zero created
by the feedback network impedance and the INA322’s RG-
pin input capacitance (and any parasitic layout capacitance).
The effect becomes more significant with higher impedance
networks. Also, RX and CL can be added to reduce high-
frequency noise.
FIGURE 8. Feedback Capacitor Improves Dynamic Perfor-
mance.
It is suggested that a variable capacitor be used for the
feedback capacitor since input capacitance may vary be-
tween instrumentation amplifiers, and layout capacitance is
difficult to determine. For the circuit shown in Figure 8, the
value of the variable feedback capacitor should be chosen by
the following equation:
RIN • CIN = RF • CF
Where CIN is equal to the INA322’s RG-pin input capaci-
tance (typically 3pF) plus the layout capacitance. The ca-
pacitor can be varied until optimum performance is ob-
tained.
INA322
V+
V
OUT
R
IN
R
IN • CIN = RF • CF
R
F
R
X
C
L
C
IN
Where C
IN is equal to the INA322’s input capacitance
(approximately 3pF) plus any parastic layout capacitance.
5
3
2
8
7
6
4
1
Shutdown
RG
V
IN–
V–
V
IN+
REF
C
F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com