Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS9002 Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # TS9002
Description  300mA CMOS LDO with Enable & Power Good
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS9002 Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  TS9002 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS9002 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS9002 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS9002 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS9002 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
TS9002 Series
300mA CMOS
LDO with Enable & Power Good
3/5
Version: A07
Electrical Characteristics (Ta = 25°C, unless otherwise noted)
Parameter
Symbol
Test Condition
Min
Typ
Max
Units
Input Voltage
VIN
Note 1
--
7
V
Output Voltage Accuracy
VO
IO=1mA
-1.5
--
1.5
%
1.2V≤VO(NOM)≤2.0V
--
--
1300
2.0V<VO(NOM)≤2.8V
--
--
400
Dropout Voltage
VDROPOUT
IO=300mA
VO=VO(NOM)
-2.0%
2.8V<VO(NOM)
--
--
300
mV
Output Current
IO
VO >1.2V
300
--
--
mA
Current Limit
ILIM
VO >1.2V
300
450
--
mA
Short Circuit Current
ISC
VO <0.8V
--
150
300
mA
Quiescent Current
IQ
IO =0mA
--
30
50
uA
Ground Pin Current
IGND
IO =1mA to 300mA
--
35
--
uA
1.2V ≤ VO ≤1.4V
-0.2
--
0.2
1.4V < VO ≤ 2.0V
-0.15
--
0.15
2.0V< VO < 4.0V
-0.1
0.02
0.1
Line Regulation
REGLINE
VIN= VO +1 to
IO =1mA
VO +2
4.0V ≤ Vo
-0.4
0.2
0.4
%
Load Regulation
REGLOAD IO=1mA to 300mA
-1
0.2
1
%
Over Temperature Shutdown
OTS
--
150
--
°C
Over Temperature Hysterisis
OTH
--
30
--
°C
VO Temperature Coefficient
TC
--
30
--
ppm/°C
f =100Hz
--
60
--
f =1kHz
--
50
--
Power Supply Rejection
PSRR
IO =100mA
CO=2.2mF
f =10kHz
--
20
--
dB
Output Voltage Noise
eN
f=10Hz to
100kHz
IO=10mA
Co=2.2mF
--
30
--
mVrms
VEH
VIN=2.7V to 7V
2.0
--
Vin
V
EN Input Threshold
VEL
VIN =2.7V to 7V
0
--
0.4
V
IEH
VEN= VIN, VIN =2.7V to 7V
--
--
0.1
mA
EN Input Bias Current
IEL
VEN =0V, VIN =2.7V to 7V
--
--
0.5
mA
Shutdown Supply Current
ISD
VIN =5V, VO=0V, VEN < VEL
--
0.5
1
mA
Shutdown Output Voltage
VSD
IO =0.4mA, VEN < VEL
0
--
0.4
V
2.5V ≤ VO(NOM)≤ 5.0V
--
--
85
Output Under Voltage
VUV
1.2V ≤ VO(NOM)< 2.5V
--
--
75
%VO(NOM)
2.5V ≤ VO(NOM)≤ 5.0V
115
--
--
Output Over Voltage
VOV
1.2V ≤ VO(NOM)< 2.5V
125
--
--
%VO(NOM)
PG Leakage Current
ILC
VPG=7V
--
--
1
mA
PG Voltage Rating
VPG
VO in regulation
--
--
7
V
PG Voltage Low
VOL
ISINK=0.4mA
--
--
0.4
V
Note: VIN(MIN)=VOUT + VDROPUT



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com