Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS9004 Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # TS9004
Description  300mA CMOS LDO Adjustable Voltage with Enable & Power Good
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS9004 Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TS9004 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS9004 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS9004 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS9004 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS9004 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS9004 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS9004 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
TS9004 Series
300mA CMOS LDO
Adjustable Voltage with Enable & Power Good
2/7
Version: A07
Absolute Maximum Rating
Parameter
Symbol
Limit
Unit
Input Supply Voltage
VIN
+8
V
Enable Input Voltage
VCE
Gnd-0.3 ~ VIN +0.3
V
Output Current
IO
PD / (VIN – VOUT)
mA
Power Dissipation
PD
Internal Limited
Thermal Resistance
ӨJA
140
oC/W
Operating Ambient Temperature Range
TA
-40 ~ +85
oC
Operating Junction Temperature Range
TJ
-40 ~ +125
oC
Storage Temperature Range
TSTG
-65 ~ +150
oC
Lead Soldering Temperature (260
oC)
10
S
ESD Classification
HBM
2k
V
Notes: Stress above the listed absolute rating may cause permanent damage to the device.
Electrical Characteristics (Ta = 25oC, unless otherwise noted)
Parameter
Symbol
Test Condition
Min
Typ
Max
Units
Input Voltage
VIN
(Note 1)
--
--
7
V
Output Voltage Accuracy
VO
IO =1mA
-2
--
+2
%
1.5V< VO(NOM ≤2.0V
--
1300
2.0V< VO(NOM ≤2.8V
--
400
Dropout Voltage
VDROP
IO =300mA
VO =VO(NOM) -2.0%
2.8V< VO(NOM <3.8V
--
See
chart
300
mV
Output Current
IO
VO >1.2V
300
--
--
mA
Current Limit
ILIM
VO >1.2V
300
450
--
mA
Short Circuit Current
ISC
VO <0.8V (Note 2)
--
150
300
mA
Ground Pin Current
IGND
IO =1mA to 300mA
--
35
--
mA
VO < 2.0V
--
--
0.15
%
Line Regulation
REGLINE
IO =5mA
VIN= VO +1 to VO +2
VO ≥ 2.0V
--
0.02
0.1
%
Load Regulation
REGLOAD IO =1mA to 300mA
--
0.2
1
%
Over Temperature
Shutdown
OTS
--
150
--
oC
Over Temperature
Hysterisis
OTH
--
30
--
oC
VO Temperature
Coefficient
TC
--
30
--
ppm/
oC
f=100Hz
--
60
--
f=1kHz
--
50
--
Power Supply Rejection
PSRR
IO =100mA
CO=2.2mF
f=10kHz
--
20
--
dB
Output Voltage Noise
eN
f=10Hz to 100kHz
IO =10mA,CBYP=0mF
CO =2.2nF
--
30
--
mVrms
ADJ Input Bias Current
IADJ
--
1
--
mA
ADJ Reference Voltage
VREF
1.2
1.215
1.23
V
VEH
VIN=2.7V to 7V
2.0
--
VIN
V
EN Input Threshold
VEL
VIN =2.7V to 7V
0
--
0.4
V



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com