Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OVM12 Datasheet(PDF) 1 Page - TT Electronics.

Part # OVM12
Description  3 LED Module (30 modules/string)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OVM12 Datasheet(HTML) 1 Page - TT Electronics.

  OVM12 Datasheet HTML 1Page - TT Electronics. OVM12 Datasheet HTML 2Page - TT Electronics. OVM12 Datasheet HTML 3Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
© TT electronics plc
Rev F 05/2023
Page 1
TT Electronics | OPTEK Technology
2900 E. Plano Pkwy, Plano, TX 75074 | Ph: +1 972 323 2200
www.ttelectronics.com | sensors@ttelectronics.com
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
3 LED Module (30 modules/string)
OVM12F3x7 series
Description:
The OVM12F3x7 is a versatile string of 30 LED modules for surface illumination creating decorative, special effects or
channel letter applications. Response time is fast for instantaneous flashing lights and power consumption results in low
power requirements from circuit power supply. Decorative applications include boats & motorcycles, boat houses & docks,
residential under counter lighting & hidden ceiling lights, safety lights around steps and pools are just a few places to create
an environment for fun and emotional moods.
Applications:
•
Mood-setting decoration and landscape lighting
•
Special decorative interior/exterior lighting
•
Special effects stage lighting
•
Channel Letters & Signs
•
Large Area Back-lighting
•
High-lighting pedestrian and walkway areas
Part Number
Color
Beam Angle Dominant Wavelength or
CCT
Illumination
(lux@0.5m) typ
IP
Rating
Housing
Material
Wire
Gauge
OVM12F3R7
Red
120 °
623 +/- 3 nm
20
67
ABS
AWG 20
OVM12F3Y7
Yellow
590 +/- 3 nm
18
OVM12F3G7
Green
525 +/- 5 nm
14
OVM12F3B7
Blue
470 +/- 5 nm
6
OVM12F3W7
White
5000 to 7000 K
16
DO NOT LOOK DIRECTLY AT LED
WITH UNSHIELDED EYES OR
DAMAGE TO RETINA MAY
OCCUR.
RoHS
Features:
•
1 String
•
Length: 160 inches
•
Contains 30 modules
•
Unit Price = 1 module


Similar Part No. - OVM12

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
OVM12F3B7 TTELEC-OVM12F3B7 Datasheet
880Kb / 3P
3 LED Module
OVM12F3G7 TTELEC-OVM12F3G7 Datasheet
880Kb / 3P
3 LED Module
OVM12F3R7 TTELEC-OVM12F3R7 Datasheet
880Kb / 3P
3 LED Module
OVM12F3W7 TTELEC-OVM12F3W7 Datasheet
880Kb / 3P
3 LED Module
OVM12F3X7 TTELEC-OVM12F3X7 Datasheet
880Kb / 3P
3 LED Module
More results

Similar Description - OVM12

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LXMG1930-28-0X MICROSEMI-LXMG1930-28-0X Datasheet
195Kb / 8P
3-String 5W LED Backlight Boost Driver Module
LXMG1960-28-0X MICROSEMI-LXMG1960-28-0X Datasheet
199Kb / 8P
6-String 5W LED Backlight Boost Driver Module
logo
Analog Devices
ADD5205 AD-ADD5205 Datasheet
441Kb / 16P
Four-String White LED Driver
REV. 0
ADD5207 AD-ADD5207 Datasheet
428Kb / 16P
Four-String, White LED Driver
REV. A
logo
Monolithic Power System...
MP3394 MPS-MP3394 Datasheet
401Kb / 17P
Step-up, 4-String Max 200mA/String White LED Driver
MP3394S MPS-MP3394S Datasheet
425Kb / 17P
Step-Up, 4-String Max 200mA/String White LED Driver
MP3397 MPS-MP3397 Datasheet
396Kb / 16P
Step-Up, 4-String Max 350mA/String White LED Driver
logo
Linear Technology
LT3598 LINER-LT3598_15 Datasheet
407Kb / 24P
6-String 30mA LED Driver
logo
Eutech Microelectronics...
EUP2990 EUTECH-EUP2990 Datasheet
681Kb / 1P
6 String White LED Driver
logo
List of Unclassifed Man...
SK6812 ETC1-SK6812 Datasheet
446Kb / 7P
Full color LED string light, LED full color module
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com