Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS9010 Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # TS9010
Description  150mA CMOS LDO with Enable
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS9010 Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TS9010 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS9010 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS9010 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS9010 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS9010 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS9010 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
TS9010 Series
150mA CMOS LDO with Enable
2/6
Version: A07
Absolute Maximum Rating (Note 1)
Parameter
Symbol
Limit
Unit
Input Supply Voltage
Vin
+12
V
Enable Input Voltage
Vce
0 ~ Vin+0.3
V
Output Current
Io
200
mA
Power Dissipation (Note 3)
PD
380
mW
Thermal Resistance
Өja
220
oC/W
Operating Junction Temperature Range
Tj
-40 ~ +125
oC
Storage Temperature Range
TSTG
-65 ~ +150
oC
Lead Soldering Temperature (260
oC)
5
S
Recommend Operating Rating (Note 2)
Input Supply Voltage
Vin
+10
V
Enable Input Voltage
Vce
Gnd-0.3 ~ Vin+0.3
V
Electrical Characteristics (Ta = 25oC, Cout=2.2uF, Vce2V, unless otherwise noted.)
Parameter
Conditions
Min
Typ
Max
Unit
Output Voltage
Vin=Vo + 1V, Io= 40mA
0.98|Vo|
1.02|Vo|
V
Output Voltage Temperature
Coefficient (Note 4)
--
100
--
ppm/
oC
Line Regulation
Vo+1V ≤ Vin ≤ Vo+2V, Io=1mA
--
0.2
0.3
%/V
Vin=Vo+1V,
1mA≤IL≤150mA
Vo ≥ 2.5V
--
30
80
Load Regulation (Note 5)
Vin=Vo+1V,
1mA≤IL≤80mA
Vo< 2.5V
--
40
90
mV
Io=80mA
--
200
400
Dropout Voltage (Note 6)
Io=150mA
--
400
700
mV
Quiescent Current
Vin≤0.4V (shutdown)
--
0.01
1
uA
Ground Pin Current (Note 7)
Vin=Ven=Vo+1V
--
--
19
uA
Vin=Vo+1V, Ven=Gnd
--
--
0.1
Output Current Limit
Vout=0V
--
300
--
mA
Power Supply Rejection Ratio
At f=100Hz, Io=0.1mA,
--
45
--
dB
Thermal Regulation (Note 8)
--
0.05
--
%/W



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com