Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS9012 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TS9012
Description  300mA Low Quiescent Current CMOS LDO with Enable Function
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS9012 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TS9012 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS9012 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS9012 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS9012 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS9012 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
TS9012
300mA Low Quiescent Current CMOS LDO
with Enable Function
1/5
Version: A07
SOT-25
General Description
TS9012 series is combine high accuracy with very low power consumption, providing high output current even when
the application requires very low dropout voltage. The Chip Enable (CE) includes a CMOS or TTL compatible input
allows the output to be turned off to prolong battery life. The TS9012 series is included a precision voltage reference,
error correction circuit, a current limited output driver and over temperature shutdown.
Features
Dropout voltage typically 0.4V @ Io=300mA (Vo=5V)
Output current up to 300mA
Low power consumption 10uA (Typ.)
Output voltage ±2%
Internal current limit
Thermal shutdown protection
Applications
Palmtops
Video recorders
Battery powered equipment
PC peripherals
High-efficiency linear power supplies
Digital signal camera
Ordering Information
Note: Where x denotes voltage option, available are
A= 1.5V
D= 1.8V,
K= 2.5V,
S= 3.3V,
5= 5.0V.
Contact factory for additional voltage options.
Part No.
Package
Packing
TS9012xCX5 RF
SOT-25
3Kpcs / 7” Reel
Block Diagram
Typical Application Circuit
EN (pin 3) may be connected directly to VIN (pin 2)
Pin Definition:
1. Ground
2. Input
3. Enable
4. N/C
5. Output
VIN
EN
on
off
COUT
2.2uF
VOUT


Similar Part No. - TS9012

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS9010 TSC-TS9010 Datasheet
97Kb / 4P
150mA CMOS Low Dropout Voltage Regulator with Enable
TS9010 TSC-TS9010 Datasheet
236Kb / 6P
150mA CMOS LDO with Enable
TS90105CX5 TSC-TS90105CX5 Datasheet
97Kb / 4P
150mA CMOS Low Dropout Voltage Regulator with Enable
TS9010ACX5 TSC-TS9010ACX5 Datasheet
97Kb / 4P
150mA CMOS Low Dropout Voltage Regulator with Enable
TS9010DCX5 TSC-TS9010DCX5 Datasheet
97Kb / 4P
150mA CMOS Low Dropout Voltage Regulator with Enable
More results

Similar Description - TS9012

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CM2831 ETC-CM2831 Datasheet
438Kb / 12P
300mA CMOS LDO WITH ENABLE
CM2832 ETC1-CM2832 Datasheet
205Kb / 11P
300mA CMOS LDO WITH ENABLE
CM2833 ETC1-CM2833 Datasheet
267Kb / 11P
300mA CMOS LDO WITH ENABLE
logo
Taiwan Semiconductor Co...
TS9001 TSC-TS9001_07 Datasheet
237Kb / 6P
300mA CMOS LDO with Enable
logo
Micrel Semiconductor
MIC5327 MICREL-MIC5327 Datasheet
325Kb / 10P
300mA Low Quiescent Current LDO
logo
Taiwan Semiconductor Co...
TS9015 TSC-TS9015 Datasheet
79Kb / 5P
300mA CMOS LDO 0.9V Adjustable Voltage with Enable Function
TS9001 TSC-TS9001_08 Datasheet
86Kb / 6P
300mA CMOS LDO with Enable
TS9001 TSC-TS9001_13 Datasheet
80Kb / 6P
300mA CMOS LDO with Enable
logo
Gamma Microelectronics ...
GM6355 GAMMA-GM6355 Datasheet
170Kb / 6P
300mA LOW NOISE CMOS LDO WITH ENABLE FUNCTION
logo
Taiwan Semiconductor Co...
TS9015 TSC-TS9015_13 Datasheet
117Kb / 5P
300mA CMOS LDO 0.9V Adjustable Voltage with Enable Function
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com