Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT7325 Datasheet(PDF) 4 Page - Holtek Semiconductor Inc

Part # HT7325
Description  Low Power Consumption LDO
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT7325 Datasheet(HTML) 4 Page - Holtek Semiconductor Inc

  HT7325 Datasheet HTML 1Page - Holtek Semiconductor Inc HT7325 Datasheet HTML 2Page - Holtek Semiconductor Inc HT7325 Datasheet HTML 3Page - Holtek Semiconductor Inc HT7325 Datasheet HTML 4Page - Holtek Semiconductor Inc HT7325 Datasheet HTML 5Page - Holtek Semiconductor Inc HT7325 Datasheet HTML 6Page - Holtek Semiconductor Inc HT7325 Datasheet HTML 7Page - Holtek Semiconductor Inc HT7325 Datasheet HTML 8Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Rev. 1.80
4
March 19, 2019
HT73xx
HT7330, +3.0V Output Type
Ta=25°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VIN
Conditions
VOUT
Output Voltage
4.0V IOUT=40mA
2.910
3.000
3.090
V
IOUT(MAX)
Maximum Output Current
4.0V VOUT ≥ 2.70V
250
mA
∆VOUT*
Load Regulation
4.0V 1mA ≤ IOUT ≤ 80mA
45
90
mV
VDROP**
Dropout Voltage
IOUT=40mA
95
mV
ISS
Quiescent Current
4.0V No load
3.5
7.0
µA
D V OU T
D V IN ´ V OU T
Line Regulation
IOUT=40mA
4.0V ≤ VIN ≤ 12V
0.2
0.3
%/V
VIN
Input Voltage
12
V
, V OU T
, T a
Temperature Coefficient
4.0V I
OUT
=40mA
−40°C < Ta < 85°C
±0.7
mV/°C
HT7333, +3.3V Output Type
Ta=25°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VIN
Conditions
VOUT
Output Voltage
4.3V IOUT=40mA
3.201
3.300
3.399
V
IOUT(MAX)
Maximum Output Current
4.3V VOUT ≥ 2.97V
250
mA
∆VOUT*
Load Regulation
4.3V 1mA ≤ IOUT ≤ 80mA
45
90
mV
VDROP**
Dropout Voltage
IOUT=40mA
90
mV
ISS
Quiescent Current
4.3V No load
3.5
7.0
µA
D V OU T
D V IN ´ V OU T
Line Regulation
IOUT=40mA
4.3V ≤ VIN ≤ 12V
0.2
0.3
%/V
VIN
Input Voltage
12
V
, V OU T
, T a
Temperature Coefficient
4.3V I
OUT
=40mA
−40°C < Ta < 85°C
±0.7
mV/°C
HT7335, +3.5V Output Type
Ta=25°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VIN
Conditions
VOUT
Output Voltage
4.5V IOUT=40mA
3.395
3.500
3.605
V
IOUT(MAX)
Maximum Output Current
4.5V VOUT ≥ 3.15V
250
mA
∆VOUT*
Load Regulation
4.5V 1mA ≤ IOUT ≤ 80mA
45
90
mV
VDROP**
Dropout Voltage
IOUT=40mA
80
mV
ISS
Quiescent Current
4.5V No load
3.5
7.0
µA
D V OU T
D V IN ´ V OU T
Line Regulation
IOUT=40mA
4.5V ≤ VIN ≤ 12V
0.2
0.3
%/V
VIN
Input Voltage
12
V
, V OU T
, T a
Temperature Coefficient
4.5V I
OUT
=80mA
−40°C < Ta < 85°C
±0.7
mV/°C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com