Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1105 Datasheet(PDF) 2 Page - Sealevel Systems, Inc.

Part # 1105
Description  RS-232 to RS-422, RS-485 Isolated DIN Rail Mount Serial Interface Converter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEALEVEL [Sealevel Systems, Inc.]
Direct Link  https://www.sealevel.com/
Logo SEALEVEL - Sealevel Systems, Inc.

1105 Datasheet(HTML) 2 Page - Sealevel Systems, Inc.

  1105 Datasheet HTML 1Page - Sealevel Systems, Inc. 1105 Datasheet HTML 2Page - Sealevel Systems, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Features & Specifications
RS-232 to RS-422, RS-485 Isolated DIN Rail Mount Serial Interface Converter
Part: 1105 | Model: DIN485+I
Features
• DIN rail mount design
• Configurable for RS-422 or RS-485
• Optical isolation provides protection against transients and ground
loops
• Data rates to 115.2K bps
• Automatic RS-485 enable/disable
• Easily accessible terminal block connections
• DIN rail mountable DC power supply available (Item # PS101 @ 24V or
PS102 @ 12V)
sealevel.com
+1 864.843.4343
SL9665 H22
Specifications
Dimensions
4.3 (L) x 0.9 (W) x 3.0 (H)
Electrical Interface
RS-232, RS-422, RS-485
Humidity Range
10 – 90% Relative Humidity, Non-
Condensing
Host Interface(s)
RS-232
Max Data Distance
4000 feet
Max Data Rate
115.2K bps
Optically Isolated
Yes
Operating
Temperature
0°C to 70°C (32°F to 158°F)
# of Ports
1
Power Requirement
9-30 VDC
Serial Connector(s)
Screw Terminals
Storage Temperature
-50°C to 105°C (-58°F to 221°F)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com