Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

17529 Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # 17529
Description  0.7 A Dual H-Bridge Motor Driver with 3.0V/5.0V Compatible Logic I/O
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

17529 Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  17529_V01 Datasheet HTML 1Page - Freescale Semiconductor, Inc 17529_V01 Datasheet HTML 2Page - Freescale Semiconductor, Inc 17529_V01 Datasheet HTML 3Page - Freescale Semiconductor, Inc 17529_V01 Datasheet HTML 4Page - Freescale Semiconductor, Inc 17529_V01 Datasheet HTML 5Page - Freescale Semiconductor, Inc 17529_V01 Datasheet HTML 6Page - Freescale Semiconductor, Inc 17529_V01 Datasheet HTML 7Page - Freescale Semiconductor, Inc 17529_V01 Datasheet HTML 8Page - Freescale Semiconductor, Inc 17529_V01 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
3
17529
INTERNAL BLOCK DIAGRAM
INTERNAL BLOCK DIAGRAM
Figure 2. 17529 Simplified Internal Block Diagram
VM1
OUT2B
OUT2A
OUT1A
PGND2
IN1A
C2H
IN1B
C1H
C2L
C1L
VDD
Low
Shutdown
Charge
Level Shifter
VM2
OUT1B
IN2A
IN2B
OE
LGND
PGND1
Control
Pre-driver
Pump
Voltage
H-Bridge
H-Bridge
Logic
VDD
CRES



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com