Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P161 Datasheet(PDF) 2 Page - TT Electronics.

Part # P161
Description  17 mm Rotary Potentiometer with Push-Pull Switch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

P161 Datasheet(HTML) 2 Page - TT Electronics.

  P161 Datasheet HTML 1Page - TT Electronics. P161 Datasheet HTML 2Page - TT Electronics. P161 Datasheet HTML 3Page - TT Electronics. P161 Datasheet HTML 4Page - TT Electronics. P161 Datasheet HTML 5Page - TT Electronics. P161 Datasheet HTML 6Page - TT Electronics. P161 Datasheet HTML 7Page - TT Electronics. P161 Datasheet HTML 8Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
17 mm Rotary Potentiometer
P161 Series
© TT electronics plc
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
Document No.: ________________
TT Electronics | BI Technologies
Circulo de la Amistad #102 PIMSA IV Mexicali B.C. Mexico C.P 21210
Ph: + 1 (714) 447-2345
www.ttelectronics.com/bi-technologies
Rev - 06/2019 Page 2
Mechanical Travel
300 ° ± 5 °
Rotational Torque
20 gf.cm~200 gf.cm
Rotational Stop Strength
6 kgf.cm minimum
Shaft Pull Strength
6 kgf minimum for 60 seconds
Detent Torque
100~300 gf.cm
Nut Tightening Strength
8 kgf.cm minimum
Rotational Life
15,000
cycles minimum
Mechanical Characteristics
Switch Circuit
SPST
Contact Resistance
Less than 50 mΩ
Rated Power
Single Unit: 1.0 A at 12 Vac/dc
Push/Pull Travel
4 mm
Push/Pull Strength
70~250 gf.cm.
Switch Life
15,000
cycles minimum
Switch Characteristics
TA = 25ᵒC unless otherwise noted
TA = 25ᵒC unless otherwise noted
Environmental Characteristics
TA = 25ᵒC unless otherwise noted
Operating Temperature
-10 °C to +70 °C
IP Rating
IP 40
Soldering Condition
Wave Soldering 260 °C maximum for 1-3 seconds
Hand Soldering 300 ᵒC maximum for 3 seconds
RoHS
Please refer to TT Electronics website
REACH
Please refer to TT Electronics website
OBSOLETE



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com